Electronic Components Datasheet Search
  English  ▼

X  

ADuM7223CCCZ Datasheet(PDF) 1 Page - Analog Devices

Part # ADuM7223CCCZ
Description  High-side or low-side relative to input
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADuM7223CCCZ Datasheet(HTML) 1 Page - Analog Devices

  ADuM7223CCCZ Datasheet HTML 1Page - Analog Devices ADuM7223CCCZ Datasheet HTML 2Page - Analog Devices ADuM7223CCCZ Datasheet HTML 3Page - Analog Devices ADuM7223CCCZ Datasheet HTML 4Page - Analog Devices ADuM7223CCCZ Datasheet HTML 5Page - Analog Devices ADuM7223CCCZ Datasheet HTML 6Page - Analog Devices ADuM7223CCCZ Datasheet HTML 7Page - Analog Devices ADuM7223CCCZ Datasheet HTML 8Page - Analog Devices ADuM7223CCCZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
Isolated Precision Half-Bridge
Driver, 4.0 A Output
Data Sheet
ADuM7223
Rev. A
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2013–2014 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
4.0 A peak output current
Working voltage
High-side or low-side relative to input: 565 V peak
High-side to low-side differential: 700 V peak
High frequency operation: 1 MHz maximum
Precise timing characteristics
64 ns maximum propagation delay
8.5 ns maximum channel-to-channel matching
3.0 V to 5.5 V input voltage
4.5 V to 18 V output drive
UVLO supply at 2.8 V VDD1
A Version UVLO, VDDA and VDDB (VDD2) at 4.1 V
B Version UVLO, VDDA and VDDB at 6.9 V
C Version UVLO, VDDA and VDDB at 10.5 V
CMOS input logic levels
High common-mode transient immunity: >25 kV/μs
High junction temperature operation: 125°C
Default low output
5 mm × 5 mm, 13-terminal LGA
APPLICATIONS
Switching power supplies
Isolated IGBT/MOSFET gate drives
Industrial inverters
GENERAL DESCRIPTION
The ADuM7223 is a 4.0 A isolated, half-bridge gate driver that
employs Analog Devices, Inc., iCoupler® technology to provide
independent and isolated high-side and low-side outputs.
Combining high speed CMOS and monolithic transformer
technology, these isolation components provide outstanding
performance characteristics superior to alternatives such as the
combination of pulse transformers and non-isolated gate
drivers. By integrating the isolator and driver in a single
package, propagation delay is a maximum of only 64 ns, and the
propagation skew from channel to channel is a maximum of
only 12 ns at 12 V.
The ADuM7223 provides two independent isolation channels.
The ADuM7223 operates with an input supply ranging from 3.0 V
to 5.5 V, providing compatibility with lower voltage systems.
The outputs operate in a wide range from 4.5 V to 18 V with
three output voltage versions available. The 5 mm × 5 mm, LGA
package provides 565 V operating voltage from input to output
and 700 V from output to output.
In comparison to gate drivers employing high voltage level
translation methodologies, this gate driver offers the benefit of
true, galvanic isolation between the input and each output. As a
result, this gate driver provides reliable control over the
switching characteristics of IGBT/MOSFET configurations over
a wide range of positive or negative switching voltages.
FUNCTIONAL BLOCK DIAGRAM
Figure 1.
ENCODE
DECODE
ENCODE
DECODE
DISABLE
NC
NC
VDD1
GNDB
VDDB
VOB
5
6
7
10
9
GND1
4
GNDA
3
11
VIB
VOA
2
12
VIA
VDDA
1
13
8
NC = NO CONNECT
ADuM7223


Similar Part No. - ADuM7223CCCZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM7234 AD-ADUM7234 Datasheet
273Kb / 12P
Isolated Precision Half-Bridge Driver, 4 A Output
Rev. A
ADUM7234 AD-ADUM7234 Datasheet
738Kb / 4P
Digital Isolator Product Selection and Resource Guide
ADUM7234 AD-ADUM7234 Datasheet
217Kb / 12P
Isolated, Precision Half-Bridge Driver, 4 A Output
Rev. B
ADuM7234BRZ AD-ADuM7234BRZ Datasheet
273Kb / 12P
Isolated Precision Half-Bridge Driver, 4 A Output
Rev. A
ADUM7234BRZ AD-ADUM7234BRZ Datasheet
217Kb / 12P
Isolated, Precision Half-Bridge Driver, 4 A Output
Rev. B
More results

Similar Description - ADuM7223CCCZ

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5013 MICREL-MIC5013 Datasheet
153Kb / 16P
Protected High- or Low-Side MOSFET Driver
MIC5014 MICREL-MIC5014 Datasheet
85Kb / 9P
Low-Cost High- or Low-Side MOSFET Driver
MIC5013 MICREL-MIC5013_05 Datasheet
228Kb / 15P
Protected High- or Low-Side MOSFET Driver
MIC5014 MICREL-MIC5014_05 Datasheet
515Kb / 12P
Low-Cost High- or Low-Side MOSFET Driver
MIC5016 MICREL-MIC5016_02 Datasheet
85Kb / 12P
Low-Cost Dual High- or Low-Side MOSFET Driver
logo
Texas Instruments
INA230 TI-INA230 Datasheet
846Kb / 35P
High- or Low-Side Measurement
logo
STMicroelectronics
L9301 STMICROELECTRONICS-L9301 Datasheet
763Kb / 51P
Automotive octal low side driver or quad low side plus quad high side driver
18-Apr-2016
TDE1707DFT STMICROELECTRONICS-TDE1707DFT Datasheet
218Kb / 15P
Low side or high side switch configuration
03-Oct-2006
logo
ON Semiconductor
NCS199A1R ONSEMI-NCS199A1R Datasheet
523Kb / 15P
Low- or High-Side Current Sensing
March, 2018 ??Rev. 1
NCS210R ONSEMI-NCS210R Datasheet
661Kb / 20P
Low- or High-Side Current Sensing
July, 2018 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com