Electronic Components Datasheet Search
  English  ▼

X  

ADuM7223CCCZ Datasheet(PDF) 14 Page - Analog Devices

Part # ADuM7223CCCZ
Description  High-side or low-side relative to input
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADuM7223CCCZ Datasheet(HTML) 14 Page - Analog Devices

Back Button ADuM7223CCCZ Datasheet HTML 9Page - Analog Devices ADuM7223CCCZ Datasheet HTML 10Page - Analog Devices ADuM7223CCCZ Datasheet HTML 11Page - Analog Devices ADuM7223CCCZ Datasheet HTML 12Page - Analog Devices ADuM7223CCCZ Datasheet HTML 13Page - Analog Devices ADuM7223CCCZ Datasheet HTML 14Page - Analog Devices ADuM7223CCCZ Datasheet HTML 15Page - Analog Devices ADuM7223CCCZ Datasheet HTML 16Page - Analog Devices ADuM7223CCCZ Datasheet HTML 17Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
Data Sheet
ADuM7223
POWER CONSUMPTION
The supply current at a given channel of the ADuM7223
isolator is a function of the supply voltage, channel data rate,
and channel output load.
For each input channel, the supply current is given by
IDDI = IDDI (Q)
f ≤ 0.5fr
IDDI = IDDI (D) × (2f – fr) + IDDI( Q)
f > 0.5fr
For each output channel, the supply current is given by
IDDO = IDDO (Q)
f ≤ 0.5fr
IDDO = (IDDO (D) + (0.5) × CLVDDO) × (2f – fr) + IDDO (Q)
f > 0.5fr
where:
IDDI (Q), IDDO (Q) are the specified input and output quiescent
supply currents (mA).
IDDI (D), IDDO (D) are the input and output dynamic supply currents
per channel (mA/Mbps).
f is the input logic signal frequency (MHz, half of the input data
rate, NRZ signaling).
fr is the input stage refresh rate (Mbps).
CL is the output load capacitance (nF).
VDDO is the output supply voltage (V).
To calculate the total IDD1 and IDD2 supply current, the supply
currents for each input and output channel corresponding to
IDD1 and IDD2 are calculated and totaled. Figure 6 provides total
input IDD1 supply current as a function of data rate for both input
channels. Figure 7 provides total IDD2 supply current as a function
of data rate for both outputs loaded with 2 nF capacitance.
INSULATION LIFETIME
All insulation structures eventually break down when subjected
to voltage stress over a sufficiently long period. The rate of insu-
lation degradation is dependent on the characteristics of the
voltage waveform applied across the insulation. In addition
to the testing performed by the regulatory agencies, Analog
Devices carries out an extensive set of evaluations to determine
the lifetime of the insulation structure within the ADuM7223.
Analog Devices performs accelerated life testing using voltage
levels higher than the rated continuous working voltage.
Acceleration factors for several operating conditions are
determined. These factors allow calculation of the time to failure at
the actual working voltage.
The values shown in Table 7 summarize the peak voltage for
50 years of service life for a bipolar ac operating condition. In
many cases, the approved working voltage is higher than a 50-
year service life voltage. Operation at these high working
voltages can lead to shortened insulation life in some cases.
The insulation lifetime of the ADuM7223 depends on the
voltage waveform type imposed across the isolation barrier. The
iCoupler insulation structure degrades at different rates
depending on whether the waveform is bipolar ac, unipolar ac,
or dc. Figure 20, Figure 21, and Figure 22 illustrate these
different isolation voltage waveforms.
A bipolar ac voltage environment is the worst case for the
iCoupler products and is the 50-year operating lifetime that
Analog Devices recommends for maximum working voltage. In
the case of unipolar ac or dc voltage, the stress on the insulation
is significantly lower. This allows operation at higher working
voltages while still achieving a 50-year service life. Treat any cross-
insulation voltage waveform that does not conform to Figure 21
or Figure 22 as a bipolar ac waveform, and limit its peak voltage
to the 50-year lifetime voltage value listed in Table 7.
Note that the voltage presented in Figure 21 is shown as sinu-
soidal for illustration purposes only. It is meant to represent any
voltage waveform varying between 0 V and some limiting value.
The limiting value can be positive or negative, but the voltage
cannot cross 0 V.
Figure 20. Bipolar AC Waveform
Figure 21. Unipolar AC Waveform
Figure 22. DC Waveform
0V
RATED PEAK VOLTAGE
0V
RATED PEAK VOLTAGE
0V
RATED PEAK VOLTAGE
Rev. A | Page 13 of 16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com