Electronic Components Datasheet Search
  English  ▼

X  

ADuM7223CCCZ Datasheet(PDF) 13 Page - Analog Devices

Part # ADuM7223CCCZ
Description  High-side or low-side relative to input
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADuM7223CCCZ Datasheet(HTML) 13 Page - Analog Devices

Back Button ADuM7223CCCZ Datasheet HTML 9Page - Analog Devices ADuM7223CCCZ Datasheet HTML 10Page - Analog Devices ADuM7223CCCZ Datasheet HTML 11Page - Analog Devices ADuM7223CCCZ Datasheet HTML 12Page - Analog Devices ADuM7223CCCZ Datasheet HTML 13Page - Analog Devices ADuM7223CCCZ Datasheet HTML 14Page - Analog Devices ADuM7223CCCZ Datasheet HTML 15Page - Analog Devices ADuM7223CCCZ Datasheet HTML 16Page - Analog Devices ADuM7223CCCZ Datasheet HTML 17Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
ADuM7223
Data Sheet
The following equation defines the Q factor of the RLC circuit,
which indicates how the ADuM7223 output responds to a step
change. For a well-damped output, Q is less than one. Adding a
series gate resistance dampens the output response.
GS
TRACE
GATE
SW
C
L
R
R
Q
×
+
=
)
(
1
To reduce output ringing, add a series gate resistance to dampen
the response. For applications using a load of 1 nF or less, add a
series gate resistor of about 5 Ω. It is recommended that the Q
factor be below 1 which results in a damped system, with a
value of 0.7 as the recommended target.
Figure 17. RLC Model of the Gate of an N-Channel MOSFET
DC CORRECTNESS AND MAGNETIC FIELD
IMMUNITY
Positive and negative logic transitions at the isolator input cause
narrow (~1 ns) pulses to be sent to the decoder via the transformer.
The decoder is bistable and is, therefore, either set or reset by
the pulses, indicating input logic transitions. In the absence of
logic transitions of more than 1 µs (typical) at the input, a periodic
set of refresh pulses indicative of the correct input state are sent
to ensure dc correctness at the output.
If the decoder receives no internal pulses for more than about
3 µs (typical), the input side is assumed to be unpowered or
nonfunctional, in which case, the isolator output is forced to a
default low state by the watchdog timer circuit. In addition, the
outputs are in a low default state while the power is coming up
before the UVLO threshold is crossed.
The limitation on the ADuM7223 magnetic field immunity is
set by the condition in which induced voltage in the transformer
receiving coil is sufficiently large to either falsely set or reset the
decoder. The following analysis defines the conditions under
which this can occur. The 3 V operating condition of the
ADuM7223 is examined because it represents the most
susceptible mode of operation. The pulses at the transformer
output have an amplitude greater than 1.0 V. The decoder has a
sensing threshold at about 0.5 V, therefore establishing a 0.5 V
margin in which induced voltages can be tolerated. The voltage
induced across the receiving coil is given by
V = (−dβ/dt) ∑π rn2, n = 1, 2, ... , N
where:
β is the magnetic flux density (gauss).
rn is the radius of the nth turn in the receiving coil (cm).
N is the number of turns in the receiving coil.
Given the geometry of the receiving coil in the ADuM7223 and
an imposed requirement that the induced voltage is at most
50% of the 0.5 V margin at the decoder, a maximum allowable
magnetic field is calculated, as shown in Figure 18.
Figure 18. Maximum Allowable External Magnetic Flux Density
For example, at a magnetic field frequency of 1 MHz, the maxi-
mum allowable magnetic field of 0.2 kgauss induces a voltage
of 0.25 V at the receiving coil. This is about 50% of the sensing
threshold and does not cause a faulty output transition. Simi-
larly, if such an event were to occur during a transmitted pulse
(and had the worst-case polarity), the received pulse is reduced
from >1.0 V to 0.75 V, still well above the 0.5 V sensing thresh-
old of the decoder.
The preceding magnetic flux density values correspond to
specific current magnitudes at given distances away from the
ADuM7223 transformers. Figure 19 expresses these allowable
current magnitudes as a function of frequency for selected
distances. As shown, the ADuM7223 is immune and only
affected by extremely large currents operated at a high frequency
and near the component. For the 1 MHz example, place a 0.5 kA
current 5 mm away from the ADuM7223 to affect the operation
of the component.
Figure 19. Maximum Allowable Current for Various
Current to ADuM7223 Spacings
ADuM7223
VIA
VOA RSW
RGATE
CGS
LTRACE
VO
MAGNETIC FIELD FREQUENCY (Hz)
100
0.001
1M
10
0.01
1k
10k
10M
0.1
1
100M
100k
MAGNETIC FIELD FREQUENCY (Hz)
1000
100
10
1
0.1
0.01
1k
10k
100M
100k
1M
10M
DISTANCE = 5mm
DISTANCE = 1m
DISTANCE = 100mm
Rev. A | Page 12 of 16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com