Electronic Components Datasheet Search
  English  ▼

X  

LM78 Datasheet(PDF) 28 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM78
Description  Microprocessor System Hardware Monitor
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM78 Datasheet(HTML) 28 Page - National Semiconductor (TI)

Back Button LM78 Datasheet HTML 23Page - National Semiconductor (TI) LM78 Datasheet HTML 24Page - National Semiconductor (TI) LM78 Datasheet HTML 25Page - National Semiconductor (TI) LM78 Datasheet HTML 26Page - National Semiconductor (TI) LM78 Datasheet HTML 27Page - National Semiconductor (TI) LM78 Datasheet HTML 28Page - National Semiconductor (TI) LM78 Datasheet HTML 29Page - National Semiconductor (TI) LM78 Datasheet HTML 30Page - National Semiconductor (TI) LM78 Datasheet HTML 31Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 28 / 31 page
background image
Functional Description (Continued)
13.10 VID/Fan Divisor Register — Address 47h
Power on – <7:4> is 0101, and <3:0>is mapped to VID <3:0>
Bit
Name
Read/Write
Description
3-0
VID <3:0>
Read Only
The VID <3:0> inputs
5-4
FAN1 RPM
Control
Read/Write
FAN1 Speed Control.
<5:4> = 00 - divide by 1;
<5:4> = 01 - divide by 2;
<5:4> = 10 - divide by 4;
<5:4> = 11 - divide by 8.
7-6
FAN2 RPM
Control
Read/Write
FAN2 Speed Control.
<7:6> = 00 - divide by 1;
<7:6> = 01 - divide by 2;
<7:6> = 10 - divide by 4;
<7:6> = 11 - divide by 8.
13.11 Serial Bus Address Register — Address 48h
Power on default Serial Bus address <6:0> = 0101101 and <7> = 0 binary
Bit
Name
Read/Write
Description
6-0
Serial Bus
Address
Read/Write
Serial Bus address <6:0>
7
Reserved
Read Only
13.12 Chip Reset/ID Register Address 49h
Power on default for the LM78-J <7:0> = 0100 0000; Power
on default for LM78 <7:0> = 0000 0000.
Bit
Name
Read/Write
Description
0-4
Reserved
Read Only
5
Chip Reset
Read/Write
A one will reset all the registers of the LM78 to the power on default state.
6
Device ID
Read Only
When set the latest version of the LM78 the LM78-J is being used. When cleared
designates the old version of LM78.
7
Reserved
Read Only
13.13 POST RAM — Address 00h–1Fh
The address pointer for the POST RAM auto-increments when written to at Port x0h or x4h. Once the address pointer reaches
1Fh, a FIFO overflow interrupt will be generated and the FIFO will stop incrementing. Normal reads via Port x5h and x6h
auto-increment a separate pointer, and will not cause a FIFO overflow interrupt.
13.14 Value RAM — Address 20h–3Fh or 60h–7Fh (auto-increment)
Address A6–A0
Address A6–A0 with
Auto-Increment
Description
20h
60h
IN0 reading
21h
61h
IN1 reading
22h
62h
IN2 reading
23h
63h
IN3 reading
24h
64h
IN4 reading
25h
65h
-IN5 reading
26h
66h
-IN6 reading
27h
67h
Temperature reading
28h
68h
FAN1 reading
www.national.com
28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com