Electronic Components Datasheet Search
  English  ▼

X  

LM78 Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM78
Description  Microprocessor System Hardware Monitor
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM78 Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button LM78 Datasheet HTML 6Page - National Semiconductor (TI) LM78 Datasheet HTML 7Page - National Semiconductor (TI) LM78 Datasheet HTML 8Page - National Semiconductor (TI) LM78 Datasheet HTML 9Page - National Semiconductor (TI) LM78 Datasheet HTML 10Page - National Semiconductor (TI) LM78 Datasheet HTML 11Page - National Semiconductor (TI) LM78 Datasheet HTML 12Page - National Semiconductor (TI) LM78 Datasheet HTML 13Page - National Semiconductor (TI) LM78 Datasheet HTML 14Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 31 page
background image
Electrical Characteristics (Continued)
Note 1: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for which the device is
functional, but do not guarantee specific performance limits. For guaranteed specifications and test conditions, see the Electrical Characteristics. The guaranteed
specifications apply only for the test conditions listed. Some performance characteristics may degrade when the device is not operated under the listed test
conditions.
Note 2: All voltages are measured with respect to GND, unless otherwise specified
Note 3: When the input voltage (VIN) at any pin exceeds the power supplies (VIN< (GNDD or GNDA) or VIN>VCC), the current at that pin should be limited to 5 mA.
The 20 mA maximum package input current rating limits the number of pins that can safely exceed the power supplies with an input current of 5 mA to four.
Note 4: The maximum power dissipation must be derated at elevated temperatures and is dictated by TJmax, θJA and the ambient temperature, TA. The maximum
allowable power dissipation at any temperature is PD =(TJmax−TA)/θJA.
Note 5: The human body model is a 100 pF capacitor discharged through a 1.5 k
Ω resistor into each pin. The machine model is a 200 pF capacitor discharged
directly into each pin.
Note 6: See the section titled “Surface Mount” found in any post 1986 National Semiconductor Linear Data Book for other methods of soldering surface mount
devices.
Note 7: Each input and output is protected by a nominal 6.5V breakdown voltage zener diode to GND; as shown below, input voltage magnitude up to 0.3V above
VCC or 0.3V below GND will not damage the LM78. There are parasitic diodes that exist between the inputs and the power supply rails. Errors in the ADC conversion
can occur if these diodes are forward biased by more than 50 mV. As an example, if VCC is 4.50 VDC, input voltage must be ≤ 4.55 VDC, to ensure accurate
conversions.
Note 8: Typicals are at TJ=TA=25˚C and represent most likely parametric norm.
Note 9: Limits are guaranteed to National’s AOQL (Average Outgoing Quality Level).
Note 10: TUE (Total Unadjusted Error) includes Offset, Gain and Linearity errors of the ADC and any error introduced by the amplifiers as shown in the circuit of
Figure 13 .
Note 11: Total Monitoring Cycle Time includes temperature conversion, 7 analog input voltage conversions and 3 tachometer readings. Each temperature and input
voltage conversion takes 100 ms typical and 112 ms maximum. Fan tachometer readings take 20 ms typical, at 4400 rpm, and 200 ms max.
Note 12: The total fan count is based on 2 pulses per revolution of the fan tachometer output.
Note 13: Timing specifications are tested at the TTL logic levels, VIL=0.4V for a falling edge and VIH=2.4V for a rising edge. TRI-STATE output voltage is forced
to 1.4V.
DS012873-7
An x indicates that the diode exists.
Pin Name
D1
D2
D3
IORD
x
IOWR
x
SYSCLK
x
D0–D7
xxx
SMI__IN
x
Chassis Intrusion
x
x
Power Switch
Bypass
xxx
Pin Name
D1
D2
D3
FAN1–FAN3
x
SCL
x
SDA
x
x
RESET
xx
NTEST
x
x
x
Pin Name
D1
D2
D3
−IN6
x
x
FB6
x
x
x
FB5
x
x
x
−IN5
x
x
IN4–IN0
x
x
x
VID3–VID0
x
x
x
Pin Name
D1
D2
D3
BTI
xx
NMI/IRQ
xxx
SMI
xx
A0–A2
x
CS
x
FIGURE 4. ESD Protection Input Structure
www.national.com
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com