Electronic Components Datasheet Search
  English  ▼

X  

LM78 Datasheet(PDF) 14 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM78
Description  Microprocessor System Hardware Monitor
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM78 Datasheet(HTML) 14 Page - National Semiconductor (TI)

Back Button LM78 Datasheet HTML 10Page - National Semiconductor (TI) LM78 Datasheet HTML 11Page - National Semiconductor (TI) LM78 Datasheet HTML 12Page - National Semiconductor (TI) LM78 Datasheet HTML 13Page - National Semiconductor (TI) LM78 Datasheet HTML 14Page - National Semiconductor (TI) LM78 Datasheet HTML 15Page - National Semiconductor (TI) LM78 Datasheet HTML 16Page - National Semiconductor (TI) LM78 Datasheet HTML 17Page - National Semiconductor (TI) LM78 Datasheet HTML 18Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 31 page
background image
Functional Description (Continued)
2.1 Internal Registers of the LM78
TABLE 1. The internal registers and their corresponding internal LM78 address is as follows:
Register
LM78 Internal Hex
Address
Power on
Value
Notes
(This is the data to be
written to Port x5h)
Configuration Register
40h
0000 1000
Interrupt Status Register 1
41h
0000 0000
Auto-increment to the address of Interrupt Status
Register 2 after a read or write to Port x6h.
Interrupt Status Register 2
42h
0000 0000
SMI Mask Register 1
43h
0000 0000
Auto-increment to the address of SMI Mask
Register 2 after a read or write to Port x6h.
SMI Mask Register 2
44h
0000 0000
NMI Mask Register 1
45h
0000 0000
Auto-increment to the address of NMI Mask
Register 2 after a read or write to Port x6h.
NMI Mask Register 2
46h
0100 0000
VID/Fan Divisor Register
47h
0101 XXXX
The first four bits set the divisor for Fan
Counters 1 and 2. The lower four bits reflect the
state of the VID inputs.
Serial Bus Address Register
48h
0010 1101
Chip Reset/ID Register
49h
0100 0000
POST RAM
00h-1Fh
Auto-increment when written to from Port x0h or
x4h. Auto-increment after a read or write to Port
x6h, with a separate pointer. Auto-incrementing
stops when address 1Fh is reached.
Value RAM
20h-3Fh
Value RAM
60h-7Fh
Auto-increment after a read or write to Port x6h.
Auto-incrementing stops when address 7Fh is
reached.
A typical communication with the LM78 would consist of:
1.
Write to Port x5h the LM78 Internal Address (from col-
umn 2 above) of the desired register. Alternatively, when
both ISA and Serial Bus interfaces are used, the first
step in a communication may be to read Port x5h to
ascertain the state of the Busy bit to avoid contention
with an Serial Bus communication.
2.
Read or write the corresponding registers data with
reads/writes from Port x6h.
The LM78 Internal Address latches, and does not have to be written if it is already pointing at the desired register. The LM78
Internal Address Register is read/write (Bit 7 is read only).
www.national.com
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com