Electronic Components Datasheet Search
  English  ▼

X  

LM78 Datasheet(PDF) 22 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM78
Description  Microprocessor System Hardware Monitor
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM78 Datasheet(HTML) 22 Page - National Semiconductor (TI)

Back Button LM78 Datasheet HTML 18Page - National Semiconductor (TI) LM78 Datasheet HTML 19Page - National Semiconductor (TI) LM78 Datasheet HTML 20Page - National Semiconductor (TI) LM78 Datasheet HTML 21Page - National Semiconductor (TI) LM78 Datasheet HTML 22Page - National Semiconductor (TI) LM78 Datasheet HTML 23Page - National Semiconductor (TI) LM78 Datasheet HTML 24Page - National Semiconductor (TI) LM78 Datasheet HTML 25Page - National Semiconductor (TI) LM78 Datasheet HTML 26Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 31 page
background image
Functional Description (Continued)
•
Chassis Intrusion:
This is an active high interrupt from
any type of device that detects and captures chassis
intrusion violations. This could be accomplished me-
chanically, optically, or electrically, and circuitry external
to the LM78 is expected to latch the event. The design of
the LM78 allows this input to go high even with no power
applied to the LM78, and no clamping or other interfer-
ence with the line will occur. This line can also be pulled
low for at least 20 ms by the LM78 to reset a typical
Chassis Intrusion circuit. Accomplish this reset by setting
Bit 7 of NMI Mask Register 2 high. The bit in the Register
is self-clearing.
•
SMI__IN:
This active low Interrupt merely provides a
way to chain the SMI Interrupt from other devices through
the LM78 to the processor.
All Interrupts are indicated in the two Interrupt Status Reg-
isters. The NMI/IRQ and SMI outputs have individual mask
registers, and individual masks for each Interrupt. As de-
scribed in Section 3.3, these two hardware Interrupt lines
can also be enabled/disabled in the Configuration Register.
The Configuration Register is also used to set the mode of
the NMI/IRQ Interrupt line.
8.1 Interrupt Clearing
Reading the Interrupt Status Register will output the con-
tents of the Register, and reset the Register. A subsequent
read done before the analog “round-robin” monitoring loop is
complete will indicate a cleared Register. Allow at least 1.5
seconds to allow all Registers to be updated between reads.
In summary, the Interrupt Status Register clears upon being
read, and requires at least 1.5 seconds to be updated. When
the Interrupt Status Register clears, the hardware interrupt
line will also clear until the Registers are updated by the
monitoring loop.
The hardware Interrupt lines are cleared with the INT__Clear
bit, which is Bit 3 of the Configuration Register. When this bit
is high, the LM78 monitoring loop will stop. It will resume
when the bit is low.
9.0 RESET AND Power Switch Bypass OUTPUTS
In PC applications the Power Switch Bypass provides a gate
drive signal to an external P-channel MOSFET power switch.
This external MOSFET then would keep power turned on
regardless of the state of front panel power switches when
software power control is used. In any given application this
signal is not limited to the function described by its label. For
example, since the LM78 incorporates temperature sensing,
the Power Switch Bypass output could also be utilized to
control power to a cooling fan. Take Power Switch Bypass
active low by setting Bit 6 in the Configuration Register high.
RESET is intended to provide a master reset to devices
connected to this line. SMI Mask Register 2, Bit 7, must be
set high to enable this function. Setting Bit 4 in the Configu-
ration Register high outputs a least 20 ms low on this line, at
the end of which Bit 4 in the Configuration Register automati-
cally clears. Again, the label for this pin is only its suggested
use. In applications where the RESET capability is not
needed it can be used for any type of digital control that
requires a 20 ms active low open drain output.
10.0 POST RAM
The POST RAM is located at address x0h and x4h, which
typical address decoders will decode to 80h or 84h, where
the BIOS will output Power On Self Test codes. A write to the
POST RAM auto-increments the internal pointer of the
LM78. Up to 32 bytes may be stored. An excess of 32 bytes
will generate an Interrupt and stop incrementing.
The POST RAM is read as like any other register at Ports
x5h and x6h, with the POST RAM located at the LM78
Internal Address from 00h to 1Fh. Reading the POST RAM
via x6h will also auto-increment, but this is a separate pointer
than the one used for ports 80h and 84h.
11.0 NAND TREE TESTS
A NAND tree is provided in the LM78 for Automated Test
Equipment (ATE) board level connectivity testing. NAND tree
tests are accomplished in either power on reset or Configu-
ration Register reset state, with the Start Bit, Bit 0 of the
Configuration Register low, and the INT__Clear (Bit 3) high.
In this mode, forcing the SMI output low takes all pins except
Power Switch Bypass, RESET, -IN5, -IN6, V
CC, GNDA, and
GNDD to a high impedance (either TRI-STATE or open
drain) state. All high impedance pins can be taken to 0 and
V
CC to accomplish NAND tree tests.
To perform a NAND tree test all pins included in the NAND
tree should be driven to 1. Each individual pin (excluding the
aforementioned exceptions) can be toggled and the resulting
toggle observed on the NTEST pin. Allow for a typical propa-
gation delay of 200 ns.
www.national.com
22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com