Electronic Components Datasheet Search
  English  ▼

X  

UG-194 Datasheet(PDF) 7 Page - Analog Devices

Part # UG-194
Description  Evaluation Board for the ADE7953 Single Phase Energy Metering IC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

UG-194 Datasheet(HTML) 7 Page - Analog Devices

Back Button UG-194 Datasheet HTML 3Page - Analog Devices UG-194 Datasheet HTML 4Page - Analog Devices UG-194 Datasheet HTML 5Page - Analog Devices UG-194 Datasheet HTML 6Page - Analog Devices UG-194 Datasheet HTML 7Page - Analog Devices UG-194 Datasheet HTML 8Page - Analog Devices UG-194 Datasheet HTML 9Page - Analog Devices UG-194 Datasheet HTML 10Page - Analog Devices UG-194 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
Evaluation Board User Guide
UG-194
Rev. A | Page 7 of 20
INSTALLING THE EVALUATION BOARD SOFTWARE
INSTALLING THE DRIVERS
When using the ADE7953 evaluation tools for the first time,
a driver must be installed to allow successful communication.
To obtain the driver, download the evaluation board software
(ADE7953_evalboard_software.zip) from the ADE7953
evaluation board Web page. The driver can be found in the
VirCOM_Driver_XP folder.
There are two folders within the VirCOM_Driver_XP folder.
•
The Windows XP and VISTA folder contains the driver
suitable for 32-bit operating systems, such as Windows XP
and the 32-bit version of Windows Vista®.
•
The Windows 7 (64 bit) folder contains the driver suitable
for 64-bit operating systems, such as Windows 7.
Select the appropriate driver based on the operating system
used on the PC. To install the driver, follow this procedure.
1. Connect the USB cable from the PC to the interface board.
The Found New Hardware Wizard window appears,
indicating that the PC has detected the new hardware.
Figure 3. Found New Hardware Wizard Window
2. If you are installing the driver on a system running
Windows 7, the Found New Hardware Wizard may not
appear. To manually select the driver, follow these steps.
a. Choose Control Panel > Hardware and Sound >
Device Manager; locate the new hardware under the
Ports heading.
b. Right-click the port and select Update Driver
Software.
c. Select Browse my Computer for Driver Software.
The window shown in Figure 4 appears.
d. Go to Step 4.
3. In the Found New Hardware Wizard window (see Figure 3),
select the Install from a list or specific location (Advanced)
option and click Next.
The following window opens (see Figure 4).
Figure 4. Search for Driver Window
4. Select Search removable media (floppy, CD-ROM) and
Include this location in the search (see Figure 4). Use the
Browse button to locate the Windows XP and VISTA or
Windows 7 (64 bit) folder in the VirCOM_Driver_XP folder
downloaded from the ADE7953 evaluation board Web page.
5. Click Next.
The Hardware Installation window appears, stating that
the hardware did not pass the Windows Logo test.
Figure 5. Hardware Installation Window
6. Click Continue Anyway.
When the installation is complete, the window shown in
Figure 6 appears.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com