Electronic Components Datasheet Search
  English  ▼

X  

UG-194 Datasheet(PDF) 12 Page - Analog Devices

Part # UG-194
Description  Evaluation Board for the ADE7953 Single Phase Energy Metering IC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

UG-194 Datasheet(HTML) 12 Page - Analog Devices

Back Button UG-194 Datasheet HTML 8Page - Analog Devices UG-194 Datasheet HTML 9Page - Analog Devices UG-194 Datasheet HTML 10Page - Analog Devices UG-194 Datasheet HTML 11Page - Analog Devices UG-194 Datasheet HTML 12Page - Analog Devices UG-194 Datasheet HTML 13Page - Analog Devices UG-194 Datasheet HTML 14Page - Analog Devices UG-194 Datasheet HTML 15Page - Analog Devices UG-194 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
UG-194
Evaluation Board User Guide
Rev. A | Page 12 of 20
READ AND WRITE REGISTERS
The Read and Write Registers window is available from the
MENU box. The Read and Write Registers window is shown
in Figure 17.
Figure 17. Read and Write Registers Window
An individual register can be accessed from this window by
selecting the register name from the pull-down menu. Alter-
natively, registers can be accessed by address by clicking the
Register Name toggle switch and then typing the address and
size of a register into the register address and register size boxes.
ACCESS ALL REGISTERS
The Access All Registers window is available from the MENU
box. The Access All Registers window allows all the registers in
the ADE7953 to be accessed at once (see Figure 18).
Figure 18. Access All Registers Window
The entire ADE7953 register bank can be read or modified
by clicking READ All Registers or WRITE All Registers. The
current configuration can be saved to a comma-separated
variable (.csv) file by specifying a destination file at the top
of the window and then clicking Save Current Register
Settings to File.
To load a configuration from a file, specify a configuration file
at the top of the window and then click Load Register Settings
from File. The contents of the specified .csv file are written to
the ADE7953.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com