Electronic Components Datasheet Search
  English  ▼

X  

UG-194 Datasheet(PDF) 11 Page - Analog Devices

Part # UG-194
Description  Evaluation Board for the ADE7953 Single Phase Energy Metering IC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

UG-194 Datasheet(HTML) 11 Page - Analog Devices

Back Button UG-194 Datasheet HTML 7Page - Analog Devices UG-194 Datasheet HTML 8Page - Analog Devices UG-194 Datasheet HTML 9Page - Analog Devices UG-194 Datasheet HTML 10Page - Analog Devices UG-194 Datasheet HTML 11Page - Analog Devices UG-194 Datasheet HTML 12Page - Analog Devices UG-194 Datasheet HTML 13Page - Analog Devices UG-194 Datasheet HTML 14Page - Analog Devices UG-194 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
Evaluation Board User Guide
UG-194
Rev. A | Page 11 of 20
WAVEFORM SAMPLING
The Waveform Sampling window is available from the MENU
box. The Waveform Sampling window is shown in Figure 14.
To use the Waveform Sampling window, SPI must be selected
as the communication interface (see Figure 7).
Figure 14. Waveform Sampling Window
This window allows raw waveform data to be captured and
displayed on a graph. To save the data to a file, click the Store
data to file? toggle switch and enter a destination file name in
the adjacent box.
ADE7953 INTERRUPTS
The ADE7953 Interrupts window is available from the MENU
box. The ADE7953 Interrupts window is shown in Figure 15.
Figure 15. ADE7953 Interrupts Window
This window allows access to the status and enable registers
associated with the Current Channel A, Current Channel B,
and voltage channel interrupts.
The switch buttons in the ADE7953 Interrupts window allow
the individual interrupt enable bits to be selected. After the
appropriate interrupt enable bits are selected, they can be
written to the part by clicking Write IRQ Enable Register.
The lights represent the corresponding interrupt status registers.
These registers can be read and reset by clicking Read IRQ Status
or Read IRQ Status with Reset.
POWER QUALITY
The Power Quality window is available from the MENU box.
The Power Quality window is shown in Figure 16.
Figure 16. Power Quality Window
The following features can be configured using the Power
Quality window:
•
Peak detection
•
Sag detection
•
No-load detection
•
Zero-crossing detection
•
Power factor measurement
•
Angle measurement
•
Reverse power
The tabs in the Power Quality window are used to select
the appropriate feature. Each feature can be configured and
then written to the part by clicking WRITE. The ADE7953
Interrupts window shown in Figure 15 can be accessed from
the Power Quality window by clicking IRQ’s.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com