Electronic Components Datasheet Search
  English  ▼

X  

UG-194 Datasheet(PDF) 10 Page - Analog Devices

Part # UG-194
Description  Evaluation Board for the ADE7953 Single Phase Energy Metering IC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

UG-194 Datasheet(HTML) 10 Page - Analog Devices

Back Button UG-194 Datasheet HTML 6Page - Analog Devices UG-194 Datasheet HTML 7Page - Analog Devices UG-194 Datasheet HTML 8Page - Analog Devices UG-194 Datasheet HTML 9Page - Analog Devices UG-194 Datasheet HTML 10Page - Analog Devices UG-194 Datasheet HTML 11Page - Analog Devices UG-194 Datasheet HTML 12Page - Analog Devices UG-194 Datasheet HTML 13Page - Analog Devices UG-194 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
UG-194
Evaluation Board User Guide
Rev. A | Page 10 of 20
The Line Cycle Accumulation window is also accessible from
the Active Energy window (see Figure 11).
Figure 11. Line Cycle Accumulation Window
The line cycle mode allows energy to be accumulated over an
integral number of half line cycles. To activate line cycle accu-
mulation, an ac signal must be present on the voltage channel.
Click EXIT in the CF Outputs or Line Cycle Accumulation
window to return to the Active Energy window.
REACTIVE ENERGY
The Reactive Energy window is available from the MENU box.
This window is similar to the Active Energy window shown in
Figure 10, but it allows access to registers that are associated
with the reactive energy measurements. Tabs are available to
select Current Channel A or Current Channel B registers. The
CF Outputs and Line Cycle Accumulation windows are also
accessible from the Reactive Energy window (see Figure 9 and
Figure 11, respectively).
APPARENT ENERGY
The Apparent Energy window is available from the MENU
box. The Apparent Energy window allows access to the regis-
ters associated with the apparent energy measurement (see
Figure 13). Tabs are available to select Current Channel A or
Current Channel B registers.
The CF Outputs and Line Cycle Accumulation windows
shown in Figure 9 and Figure 11 are also accessible from
the Apparent Energy window.
Apparent energy measurement is derived from the product
of the current rms and voltage rms measurements. The RMS
window can be accessed from the Apparent Energy window
by clicking Voltage RMS or Current RMS (see Figure 12).
Figure 12. RMS Window
From the RMS window, the calibration and configuration regis-
ters associated with the VRMS and IRMS measurements can be
accessed. In addition, the rms readings can be obtained. Click
EXIT in this window to return to the Apparent Energy window.
Figure 13. Apparent Energy Window



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com