Electronic Components Datasheet Search
  English  ▼

X  

UG-194 Datasheet(PDF) 9 Page - Analog Devices

Part # UG-194
Description  Evaluation Board for the ADE7953 Single Phase Energy Metering IC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

UG-194 Datasheet(HTML) 9 Page - Analog Devices

Back Button UG-194 Datasheet HTML 5Page - Analog Devices UG-194 Datasheet HTML 6Page - Analog Devices UG-194 Datasheet HTML 7Page - Analog Devices UG-194 Datasheet HTML 8Page - Analog Devices UG-194 Datasheet HTML 9Page - Analog Devices UG-194 Datasheet HTML 10Page - Analog Devices UG-194 Datasheet HTML 11Page - Analog Devices UG-194 Datasheet HTML 12Page - Analog Devices UG-194 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
Evaluation Board User Guide
UG-194
Rev. A | Page 9 of 20
EVALUATION SOFTWARE FUNCTIONS
The ADE7953 evaluation software allows access to all registers
and features of the ADE7953 using SPI, I2C, or UART communi-
cation. The communication mode and speed should be set in the
main window (see Figure 7). The menu options available are
•
Active Energy
•
Reactive Energy
•
Apparent Energy
•
Waveform Sampling
•
Interrupts
•
Power Quality Information
•
Read and Write Registers
•
Access All Registers
•
Reset ADE7953
•
EXIT (stops LabVIEW)
These options provide access to all internal registers and allow
the evaluation of ADE7953 performance. To access these func-
tions, click the desired option in the MENU box (see Figure 7).
Clicking an option in the MENU box displays a window where
the specific function can be accessed. Each window includes an
EXIT button that should be used to return to the main window.
Note that only one option from the MENU box can be open at a
time; click EXIT to return to the main window before choosing
another option from the MENU box.
ACTIVE ENERGY
The Active Energy window is shown in Figure 10. This window
allows access to all registers associated with the active energy
measurement.
The tabs at the top of the window allow registers associated
with Current Channel A or Current Channel B to be accessed.
A register can be read by clicking READ All Registers. Register
modifications can be made directly on the signal path diagram;
these modifications are written to the part by clicking WRITE
All Registers.
From the Active Energy window, the CF Outputs window can
be accessed by clicking CF Output. Clicking CF Output opens
the window shown in Figure 9.
Figure 9. CF Outputs Window
From this window, the functionality of the CF1 and CF2 output
pins can be selected.
Figure 10. Active Energy Window



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com