| Electronic Components Datasheet Search |
|
UG-277 Datasheet(PDF) 5 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
UG-277 Datasheet(HTML) 5 Page - Analog Devices |
|
5 / 24 page ![]() SDP User Guide UG-277 Rev. B | Page 5 of 24 HARDWARE DESCRIPTION This section describes the hardware design of the EVAL-SDP- CB1Z board. The following topics are covered: • LEDs—This section describes the SDP on-board LEDs. • Connector Details—This section details the pin assignments on the 120-pin connectors. • Power—This section lists power requirements of the SDP and identifies connector power inputs and output pins. • Daughter board design guidelines—This section provides guidelines on how to design daughter boards for use with the SDP. • Mechanical specifications—This section provides dimensional information. LEDS There are two LEDs located on the SDP-B board (see Figure 2). POWER LED The green power LED indicates that the SDP-B board is powered. This is not an indication of USB connectivity between the SDP-B and the PC. POWER CON B CON C STATUS LED Figure 2. SDP-B Board LEDs STATUS LED The orange status LED is an LED used as a diagnostic tool for evaluation application developers. When there are two or more identical SDP controller board and daughter board combin- ations connected to the PC simultaneously, the status LED flashes during the connect routine to help the user identify which board they will communicate with. CONNECTOR DETAILS The SDP-B board contains three Hirose FX8-120P-SV1(91), 120-pin header connectors. Connector A and Connector B share identical pinouts and through these connectors, the peripheral communication interfaces of ADSP-BF527 Blackfin processor are exposed. The exposed peripherals are • SPI • SPORT • I2C/TWI • GPIO • Asynchronous parallel • PPI • UART • Timers In addition, included on the connector specification are input and output power pins, ground pins, and pins reserved for future use. For further details on the peripheral interfaces, including timing diagrams, see the ADSP-BF52x Blackfin Processor Hardware Reference. Connector C exposes the entire Blackfin memory space, but is not used as part of the SDP platform. Connector Pin Assignments The connector pin assignments for Connector A and Connector B have been defined independently of the any internal pin sharing that occurs on the Blackfin processor. Table 1 lists the connector pins and identifies the functionality assigned to each connector pin for Connector A and Connector B on the SDP-B board. |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |