Electronic Components Datasheet Search
  English  ▼

X  

UG-277 Datasheet(PDF) 7 Page - Analog Devices

Part # UG-277
Description  SDP-B Controller Board
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

UG-277 Datasheet(HTML) 7 Page - Analog Devices

Back Button UG-277 Datasheet HTML 3Page - Analog Devices UG-277 Datasheet HTML 4Page - Analog Devices UG-277 Datasheet HTML 5Page - Analog Devices UG-277 Datasheet HTML 6Page - Analog Devices UG-277 Datasheet HTML 7Page - Analog Devices UG-277 Datasheet HTML 8Page - Analog Devices UG-277 Datasheet HTML 9Page - Analog Devices UG-277 Datasheet HTML 10Page - Analog Devices UG-277 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
SDP User Guide
UG-277
Rev. B | Page 7 of 24
Pin No.
Pin Name
Description
51
NC
No Connect. Leave this pin unconnected. Do not ground.
52
GND
Connect to ground plane of board.
53
NC
No Connect. Leave this pin unconnected. Do not ground.
54
NC
No Connect. Leave this pin unconnected. Do not ground.
55
NC
No Connect. Leave this pin unconnected. Do not ground.
56
EEPROM_A0
EEPROM A0. Connect to A0 address line of the EEPROM.
57
RESET_OUT
Active low reset signal from processor board.
58
GND
Connect to ground plane of board.
59
UART_RX
UART Receive Data.2
60
RESET_IN
Active low pin to reset controller board.
61
BMODE1
Boot Mode 1. Pull up with 10 kΩ resistor to set SDP to boot from SPI Flash. Enabled on Connector A only.
62
UART_TX
UART Transmit Data2.
63
GND
Connect to ground plane of board.
64
SLEEP
Active low sleep from processor board.
65
WAKE
External wake up to processor board.
66
NC
No Connect. Leave this pin unconnected. Do not ground.
67
NC
No Connect. Leave this pin unconnected. Do not ground.
68
NC
No Connect. Leave this pin unconnected. Do not ground.
69
GND
Connect to ground plane of board.
70
NC
No Connect. Leave this pin unconnected. Do not ground.
71
CLKOUT
CLKOUT from processor.
72
TMR_D
Timer D Flag Pin.2
73
TMR_B
Timer B Flag Pin. Use as second timer, if required.
74
GPIO7
General-Purpose Input/Output.
75
GND
Connect to ground plane of board.
76
GPIO5
General-Purpose Input/Output.
77
GPIO3
General-Purpose Input/Output.
78
GPIO1
General-Purpose Input/Output.
79
SCL_0
I2C Clock 0. Daughter board EEPROM must be connected to this bus.
80
SDA_0
I2C Data 0. Daughter board EEPROM must be connected to this bus.
81
GND
Connect to ground plane of board.
82
SPI_CLK
SPI Clock.
83
SPI_MISO
SPI Master In, Slave Out Data.
84
SPI_MOSI
SPI Master Out, Slave In Data.
85
SPI_SEL_A
SPI Chip Select A. Use this to control the first device on the SPI bus.
86
GND
Connect to ground plane of board.
87
SPORT_TSCLK
SPORT Transmit Clock.
88
SPORT_DT0
SPORT Data Transmit 0. Primary SPORT data from processor.
89
SPORT_TFS
SPORT Transmit Frame Sync.
90
SPORT_RFS
SPORT Receive Frame Sync.
91
SPORT_DR0
SPORT Data Receive 0. Primary SPORT data into processor.
92
SPORT_RSCLK
SPORT Receive Clock.
93
GND
Connect to ground plane of board.
94
PAR_CLK
Clock for Synchronous Parallel Interface (PPI).
95
PAR_FS2
Synchronous (PPI) Parallel Frame Sync 2.
96
PAR_A0
Parallel Address Bus Bit 0.
97
PAR_A2
Parallel Address Bus Bit 2.
98
GND
Connect to ground plane of board.
99
PAR_INT
Parallel Interrupt. Used to trigger a nonperiodic parallel event.
100
PAR_WR
Asynchronous Parallel Write Strobe.
101
PAR_D0
Parallel Data Bus Bit 0.
102
PAR_D2
Parallel Data Bus Bit 2.
103
PAR_D4
Parallel Data Bus Bit 4.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com