Electronic Components Datasheet Search
  English  ▼

X  

UG-277 Datasheet(PDF) 12 Page - Analog Devices

Part # UG-277
Description  SDP-B Controller Board
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

UG-277 Datasheet(HTML) 12 Page - Analog Devices

Back Button UG-277 Datasheet HTML 8Page - Analog Devices UG-277 Datasheet HTML 9Page - Analog Devices UG-277 Datasheet HTML 10Page - Analog Devices UG-277 Datasheet HTML 11Page - Analog Devices UG-277 Datasheet HTML 12Page - Analog Devices UG-277 Datasheet HTML 13Page - Analog Devices UG-277 Datasheet HTML 14Page - Analog Devices UG-277 Datasheet HTML 15Page - Analog Devices UG-277 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
UG-277
SDP User Guide
Rev. B | Page 12 of 24
The mating daughter board 120-pin connector is the Hirose
FX8-120S-SV(21), 120-pin receptacle, FEC 132-4660, Digi-Key
H1219-ND. Consult the connector's data sheet for full details
on the connector. Note that Pin 1 to Pin 60 are placed on the
left side of the connector and Pin 61 to Pin 120 are placed on
the right side of the connector.
Keep Out Area
In order to allow the greatest flexibility for future controller
boards, a keep out area is established for components higher
that 3 mm. The keep out area is 12.65 mm wide and extends
down the entire left side of the daughter board.
Restriction on Right Angle Connectors
Due to the close proximity of the edges of the A and B daughter
boards (seen in Figure 4) right angle connectors are not allowed
on the top and left edges of the daughter boards and (if
required) should be placed on the right or bottom edges. The
phrase "right angle connector" is used to describe any connector
that requires the connection to protrude over the edge of the
board (for example, right angle SMB or screw terminal)
MECHANICAL SPECIFICATIONS
The mechanical specifications of the SDP-B board are 2.75" ×
2.25" (69.85 mm × 27.15 mm). The height of the 120-pin con-
nectors from the bottom of the board is approximately 0.152"
(3.86 mm). The tallest component on the top is approximately
0.125" (3.175 mm), and the tallest components on the bottoms
are the connectors at approximately 0.152" (3.86 mm). Refer to
Figure 6.
POWER
CON B
STATUS
CON C
CON B
A
0.152”/8.86mm
LED
CON B
2.75”
69.85mm
2.25”
57.15mm
0.125”/3.17mm
0.21875”/5.54mm
CON C
Figure 6. SDP-B Board Mechanical Specifications



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com