Electronic Components Datasheet Search
  English  ▼

X  

UG-277 Datasheet(PDF) 11 Page - Analog Devices

Part # UG-277
Description  SDP-B Controller Board
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

UG-277 Datasheet(HTML) 11 Page - Analog Devices

Back Button UG-277 Datasheet HTML 7Page - Analog Devices UG-277 Datasheet HTML 8Page - Analog Devices UG-277 Datasheet HTML 9Page - Analog Devices UG-277 Datasheet HTML 10Page - Analog Devices UG-277 Datasheet HTML 11Page - Analog Devices UG-277 Datasheet HTML 12Page - Analog Devices UG-277 Datasheet HTML 13Page - Analog Devices UG-277 Datasheet HTML 14Page - Analog Devices UG-277 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
SDP User Guide
UG-277
Rev. B | Page 11 of 24
5.9mm
3.3mm
3.3mm
5.9mm
DAUGHTERBOARD B
DAUGHTERBOARD A
Figure 4. Maximum Board Dimensions for Connector Placement
The full specification drawing for the connector location on the daughter board can be seen in Figure 5.
1.75mm
5.90mm
3.30mm
5.15mm
60
61
1
120
50.50mm
ORIGIN (0,0)
NO RIGHT-ANGLED CONNECTORS ALLOWED ALONG THIS EDGE
x = 5.9mm, y = –3.3mm
x = 5.95mm, y = –53.8mm
EVAL-xxxxx-DB
Rev. D
D3.10mm
12.65mm
PLACEMENT KEEPOUT FOR COMPONENTS
OVER 3mm IN HEIGHT
(EXTENDS DOWN ENTIRE HEIGHT OF LEFT HAND SIDE OF PCB)
D3.10mm
x = 5.95mm, y = –28.55mm (CENTER OF CONNECTOR)
Figure 5. Connector Placement on Compatible Daughter Boards



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com