Electronic Components Datasheet Search
  English  ▼

X  

UG-277 Datasheet(PDF) 6 Page - Analog Devices

Part # UG-277
Description  SDP-B Controller Board
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

UG-277 Datasheet(HTML) 6 Page - Analog Devices

Back Button UG-277 Datasheet HTML 2Page - Analog Devices UG-277 Datasheet HTML 3Page - Analog Devices UG-277 Datasheet HTML 4Page - Analog Devices UG-277 Datasheet HTML 5Page - Analog Devices UG-277 Datasheet HTML 6Page - Analog Devices UG-277 Datasheet HTML 7Page - Analog Devices UG-277 Datasheet HTML 8Page - Analog Devices UG-277 Datasheet HTML 9Page - Analog Devices UG-277 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
UG-277
SDP User Guide
Rev. B | Page 6 of 24
Table 1. 120-Pin Connector Pin Assignments
Pin No.
Pin Name
Description
1
VIN
Power to SDP Board. Requires 200 mA at 5 V.
2
NC
No Connect. Leave this pin unconnected. Do not ground.
3
GND
Connect to ground plane of board.
4
GND
Connect to ground plane of board.
5
USB_VBUS
Connected directly to the USB +5 V supply.
6
GND
Connect to ground plane of board.
7
PAR_D23
Parallel Data Bus Bit 23. (No connect.)1
8
PAR_D21
Parallel Data Bus Bit 21. (No connect.)1
9
PAR_D19
Parallel Data Bus Bit 19. (No connect.)1
10
PAR_D17
Parallel Data Bus Bit 17. (No connect.)1
11
GND
Connect to ground plane of board.
12
PAR_D14
Parallel Data Bus Bit 14.
13
PAR_D13
Parallel Data Bus Bit 13.
14
PAR_D11
Parallel Data Bus Bit 11.
15
PAR_D9
Parallel Data Bus Bit 9.
16
PAR_D7
Parallel Data Bus Bit 7.
17
GND
Connect to ground plane of board.
18
PAR_D5
Parallel Data Bus Bit 5.
19
PAR_D3
Parallel Data Bus Bit 3.
20
PAR_D1
Parallel Data Bus Bit 1.
21
PAR_RD
Asynchronous Parallel Read Strobe.
22
PAR_CS
Asynchronous Parallel Chip Select.
23
GND
Connect to ground plane of board.
24
PAR_A3
Parallel Address Bus Bit 3.
25
PAR_A1
Parallel Address Bus Bit 1.
26
PAR_FS3
Synchronous (PPI) Parallel Frame Sync 3.
27
PAR_FS1
Synchronous (PPI) Parallel Frame Sync 1.
28
GND
Connect to ground plane of board.
29
SPORT_TDV0
SPI Data Line 3. (No connect.)1
30
SPORT_TDV1
SPI Data Line 2. (No connect.)1
31
SPORT_DR1
SPORT Data Receive 1. Secondary SPORT data into processor.
32
SPORT_DT1
SPORT Data Transmit 1. Secondary SPORT data from processor.
33
SPI_D2
SPORT Data Line. (No connect.)1
34
SPI_D3
SPORT Data Line. (No connect.)1
35
SERIAL_INT
Serial Interrupt. Used to trigger a nonperiodic serial event.
36
GND
Connect to ground plane of board.
37
SPI_SEL_B
SPI Chip Select B. Use this to control a second device on the SPI bus.
38
SPI_SEL_C
SPI Chip Select C. Use this for a third device on the SPI bus.
39
SPI_SEL1/SPI_SS
SPI Chip Select 1.2 Used to connect to SPI boot flash, if required. Also used as chip select when Blackfin
processor is operating as SPI slave.
40
GND
Connect to ground plane of board.
41
SDA_1
I2C Data 1.
42
SCL_1
I2C Data 1.2
43
GPIO0
General-Purpose Input/Output.
44
GPIO2
General-Purpose Input/Output.
45
GPIO4
General-Purpose Input/Output.
46
GND
Connect to ground plane of board.
47
GPIO6
General-Purpose Input/Output.2
48
TMR_A
Timer A Flag Pin. Use as first timer, if required.
49
TMR_C
Timer C Flag Pin.1 (No connect.)
50
NC
No Connect. Leave this pin unconnected. Do not ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com