Electronic Components Datasheet Search
  English  ▼

X  

STK672-080 Datasheet(PDF) 8 Page - Sanyo Semicon Device

Part # STK672-080
Description  Stepping Motor Driver (Sine Wave Drive) Output Current : 2.8 A (No Heat Sink)
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

STK672-080 Datasheet(HTML) 8 Page - Sanyo Semicon Device

Back Button STK672-080 Datasheet HTML 4Page - Sanyo Semicon Device STK672-080 Datasheet HTML 5Page - Sanyo Semicon Device STK672-080 Datasheet HTML 6Page - Sanyo Semicon Device STK672-080 Datasheet HTML 7Page - Sanyo Semicon Device STK672-080 Datasheet HTML 8Page - Sanyo Semicon Device STK672-080 Datasheet HTML 9Page - Sanyo Semicon Device STK672-080 Datasheet HTML 10Page - Sanyo Semicon Device STK672-080 Datasheet HTML 11Page - Sanyo Semicon Device STK672-080 Datasheet HTML 12Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
Input Signal Functions and Timing
• CLK (phase switching clock)
Input frequency range: DC to 50 kHz
Minimum pulse width: 10 µs
Duty: 40 to 60% (However, the minimum pulse width takes precedence when M3 is high.)
Pin circuit type: Built-in pull-up resistor (20 k
Ω, typical) CMOS Schmitt trigger structure
Built-in multi-stage noise rejection circuit
Function
—When M3 is high or open: The phase excited (driven) is advanced one step on each CLK rising edge.
—When M3 is low: The phase is advanced one step by both rising and falling edges, for a total of two steps per cycle.
• CWB (Method for setting the rotation direction)
Pin circuit type: Built-in pull-up resistor (20 k
Ω, typical) CMOS Schmitt trigger structure
Function
—When CWB is low: The motor turns in the clockwise direction.
—When CWB is high: The motor turns in the counterclockwise direction.
Notes: When M3 is low, the CWB input must not be changed for about 6.25 µs before or after a rising or falling edge
on the CLK input.
• ENABLE (Controls the on/off state of the A, A, B, and B excitation drive outputs and selects either operating or hold
as the internal state of this hybrid IC.)
Pin circuit type: Built-in pull-up resistor (20 k
Ω, typical) CMOS Schmitt trigger structure
Function
—When ENABLE is high or open: Normal operating state
—When ENABLE is low: This hybrid IC goes to the hold state and excitation drive output (motor current) is forcibly
turned off. In this mode, the hybrid IC system clock is stopped and no inputs other than the
reset input have any effect on the hybrid IC state.
CLK Input Acquisition Timing (M3 = Low)
No. 6507-8/17
STK672-080
CLK input
System clock
Phase excitation counter clock
Control output timing
Excitation counter up/down
Control output switching timing
A13264



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com