Electronic Components Datasheet Search
  English  ▼

X  

STK672-080 Datasheet(PDF) 14 Page - Sanyo Semicon Device

Part # STK672-080
Description  Stepping Motor Driver (Sine Wave Drive) Output Current : 2.8 A (No Heat Sink)
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

STK672-080 Datasheet(HTML) 14 Page - Sanyo Semicon Device

Back Button STK672-080 Datasheet HTML 9Page - Sanyo Semicon Device STK672-080 Datasheet HTML 10Page - Sanyo Semicon Device STK672-080 Datasheet HTML 11Page - Sanyo Semicon Device STK672-080 Datasheet HTML 12Page - Sanyo Semicon Device STK672-080 Datasheet HTML 13Page - Sanyo Semicon Device STK672-080 Datasheet HTML 14Page - Sanyo Semicon Device STK672-080 Datasheet HTML 15Page - Sanyo Semicon Device STK672-080 Datasheet HTML 16Page - Sanyo Semicon Device STK672-080 Datasheet HTML 17Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
Thermal Design
<Hybrid IC Average Internal Power Loss Pd>
The main elements internal to this hybrid IC with large average power losses are the current control devices, the
regenerative current diodes, and the current detection resistor. Since sine wave drive is used, the average power loss
during microstepping drive can be approximated by applying a waveform factor of 0.64 to the square wave loss during 2
phase excitation.
The losses in the various excitation modes are as follows.
fclock
IOH · fclock
2 phase excitation
Pd2EX = (Vsat + Vdf) · ——— · IOH · t2 + ————— · (Vsat · t1 + Vdf · t3)
2
2
fclock
IOH · fclock
1-2 phase excitation
Pd1-2EX = 0.64 · {(Vsat + Vdf) · ——— · IOH · t2 + ————— · (Vsat · t1 + Vdf · t3)}
4
4
fclock
IOH · fclock
W1-2 phase excitation
PdW1-2EX = 0.64 · {(Vsat + Vdf) · ——— · IOH · t2 + ————— · (Vsat · t1 + Vdf · t3)}
8
8
fclock
IOH · fclock
2W1-2 phase excitation
Pd2W1-2EX = 0.64 · {(Vsat + Vdf) · ——— · IOH · t2 + ————— · (Vsat · t1 + Vdf · t3)}
16
16
fclock
IOH · fclock
4W1-2 phase excitation
Pd4W1-2EX = 0.64 · {(Vsat + Vdf) · ——— · IOH · t2 + ————— · (Vsat · t1 + Vdf · t3)}
16
16
Here, t1 and t3 can be determined from the same formulas for all excitation methods.
–L
R + 0.35
–L
VCC1 + 0.35
t1 = ———— ·
n (1 – ————— · IOH)
t3 = —— ·
n (——————————)
R + 0.35
VCC1
R
IOH · R + VCC1 + 0.35
However, the formula for t2 differs with the excitation method.
2
3
2 phase excitation
t2 = ——— – (t1 +t3)
1-2 phase excitation
t2 = ——— – t1
fclock
fclock
7
15
W1-2 phase excitation
t2 = ——— – t1
2W1-2 phase excitation
t2 = ——— – t1
fclock
4W1-2 phase excitation
fclock
Motor Phase Current Model Figure (2 Phase Excitation)
fclock: CLK input frequency (Hz)
Vsat: The voltage drop of the power MOSFET and the current detection resistor (V)
Vdf: The voltage drop of the body diode and the current detection resistor (V)
IOH: Phase current peak value (A)
t1: Phase current rise time (s)
VCC1: Supply voltage applied to the motor (V)
t2: Constant-current operating time (s)
L: Motor inductance (H)
t3: Phase switching current regeneration time (s)
R: Motor winding resistance (W)
No. 6507-14/17
STK672-080
t3
t1
t2
IOH
A13270



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com