Electronic Components Datasheet Search
  English  ▼

X  

STK672-080 Datasheet(PDF) 12 Page - Sanyo Semicon Device

Part # STK672-080
Description  Stepping Motor Driver (Sine Wave Drive) Output Current : 2.8 A (No Heat Sink)
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

STK672-080 Datasheet(HTML) 12 Page - Sanyo Semicon Device

Back Button STK672-080 Datasheet HTML 8Page - Sanyo Semicon Device STK672-080 Datasheet HTML 9Page - Sanyo Semicon Device STK672-080 Datasheet HTML 10Page - Sanyo Semicon Device STK672-080 Datasheet HTML 11Page - Sanyo Semicon Device STK672-080 Datasheet HTML 12Page - Sanyo Semicon Device STK672-080 Datasheet HTML 13Page - Sanyo Semicon Device STK672-080 Datasheet HTML 14Page - Sanyo Semicon Device STK672-080 Datasheet HTML 15Page - Sanyo Semicon Device STK672-080 Datasheet HTML 16Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
No. 6507-12/17
STK672-080
M1
0
M2
0
M3
RESET
CWB
CLK
MOI
0
1
2 Phase Excitation Timing Chart (M3=1)
1-2 Phase Excitation Timing Chart (M3=1)
2W1-2 Phase Excitation Timing Chart (M3=1)
W1-2 Phase Excitation Timing Chart (M3=1)
M1
1
0
1
0
M2
0
M3
RESET
CWB
CLK
MOI
M1
1
1
0
M2
0
M3
RESET
CWB
CLK
MOI
0
M1
1
0
1
0
1
0
M2
M3
RESET
CWB
CLK
MOI
A
A
B
B
Vref A
Vref B
100%
71%
100%
71%
Vref A
100%
92%
71%
40%
Vref B
100%
92%
71%
40%
MOI
Vref A
100%
92%
83%
71%
55%
40%
20%
MOI
A
A
B
B
A
A
B
B
Vref A
Vref B
100%
71%
100%
71%
A
A
B
B
Vref B
100%
92%
83%
71%
55%
40%
20%
A13268
Excitation Time and Timing Charts
• CLK rising edge operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com