Electronic Components Datasheet Search
  English  ▼

X  

STK672-080 Datasheet(PDF) 15 Page - Sanyo Semicon Device

Part # STK672-080
Description  Stepping Motor Driver (Sine Wave Drive) Output Current : 2.8 A (No Heat Sink)
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

STK672-080 Datasheet(HTML) 15 Page - Sanyo Semicon Device

Back Button STK672-080 Datasheet HTML 9Page - Sanyo Semicon Device STK672-080 Datasheet HTML 10Page - Sanyo Semicon Device STK672-080 Datasheet HTML 11Page - Sanyo Semicon Device STK672-080 Datasheet HTML 12Page - Sanyo Semicon Device STK672-080 Datasheet HTML 13Page - Sanyo Semicon Device STK672-080 Datasheet HTML 14Page - Sanyo Semicon Device STK672-080 Datasheet HTML 15Page - Sanyo Semicon Device STK672-080 Datasheet HTML 16Page - Sanyo Semicon Device STK672-080 Datasheet HTML 17Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 15 / 17 page
background image
Next we determine the usage conditions with no heat sink by determining the allowable hybrid IC internal average loss
from the thermal resistance of the hybrid IC substrate, namely 25.5 °C/W.
105 – 50
For a Tc max of 105°C at an ambient temperature of 50°C
PdEX = ———— = 2.15 W
25.5
105 – 40
For a Tc max of 105°C at an ambient temperature of 40°C
PdEX = ———— = 2.54 W
25.5
This hybrid IC can be used with no heat sink as long as it is used at operating conditions below the losses listed above.
(See
∆Tc – P
d curve in the graph on page 17.)
<Hybrid IC internal power element (MOSFET) junction temperature calculation>
The junction temperature, Tj, of each device can be determined from the loss Pds in each transistor and the thermal
resistance
θj-c.
Tj = Tc +
θj-c × Pds (°C)
Here, we determine Pds, the loss for each transistor, by determining PdEX in each excitation mode.
Pds = Pd/4
Since the average loss includes the loss of the current detection resistor, we take that voltage drop into consideration in
the calculation.
Vsat = IOH · Ron + IOH · Rs
Vdf = Vdf + IOH · Rs
The steady-state thermal resistance of a power MOSFET is 15.6°C/W.
No. 6507-15/17
STK672-080
4
0
8
12
16
20
0
2
4
6
8
10
12
14
16
2
1.0
3
7
5
10
2
10
2
3
5
7
100
2
3
5
No. Fin 25.5(
°C/W)
No. Fin 25.5(
°C/W)
40°C
50
°C
60°C
θc-a= Tc max – Ta (°C/W)
Tc max=105
°C
Pd
2 mm
thick
Al
plate
(with
no
surface
preparation)
(with
the
surface
painted
black)
Vertical
standing type
Convection
cooling
<Determining the Size of the Hybrid IC Heat Sink>
Determine
θc-a for the heat sink from the average power loss determined in the previous item.
Tc max: Hybrid IC substrate temperature (°C)
Ta: Application internal temperature (°C)
PdEX: Hybrid IC internal average loss (W)
Determine
θc-a from the above formula and then size S (in cm2) of the heat sink from the graphs shown below.
The ambient temperature of the device will vary greatly according to the air flow conditions within the application.
Therefore, always verify that the size of the heat sink is adequate to assure that the Hybrid IC back surface (the aluminum
plate side) will never exceed a Tc max of 105°C, whatever the operating conditions are.
Tc max – Ta
θc-a = —————— [°C/W]
PdEX
IC internal average power dissipation, Pd — W
Heat sink area, S — cm2
θc-a — Pd
θc-a — S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com