Electronic Components Datasheet Search
  English  ▼

X  

STK672-080 Datasheet(PDF) 10 Page - Sanyo Semicon Device

Part # STK672-080
Description  Stepping Motor Driver (Sine Wave Drive) Output Current : 2.8 A (No Heat Sink)
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

STK672-080 Datasheet(HTML) 10 Page - Sanyo Semicon Device

Back Button STK672-080 Datasheet HTML 6Page - Sanyo Semicon Device STK672-080 Datasheet HTML 7Page - Sanyo Semicon Device STK672-080 Datasheet HTML 8Page - Sanyo Semicon Device STK672-080 Datasheet HTML 9Page - Sanyo Semicon Device STK672-080 Datasheet HTML 10Page - Sanyo Semicon Device STK672-080 Datasheet HTML 11Page - Sanyo Semicon Device STK672-080 Datasheet HTML 12Page - Sanyo Semicon Device STK672-080 Datasheet HTML 13Page - Sanyo Semicon Device STK672-080 Datasheet HTML 14Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
Phase States During Excitation Switching
• Excitation phases before and after excitation mode switching <clockwise direction>
No. 6507-10/17
STK672-080
B 24
24
27
28
31
3
4
5
8
11
12
15
16
19
20
25
A
A
A
0
16
17
1
A
A
B
B
B 24
25
26
27
28
29
30 31 0 1 2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
24
26
28
30 0 2
4
6
8
10
12
14
16
18
20
22
22
23
A
A
B
B
8
9
12
4
28
20
20
24
28 0 4
8
12
16
B 24
26
28
30
A
A
A
0
16
18
20
22
24
28
0
4
8
12
16
20
20
28
4
12
20
28
4
0
12
16
16
18
20
22
24
25
27
29
31
1
3
5
7
9
23
22
8
24
20
10
26
18
12
16 14
28
30
6
4
2
0
11
21
13
19
15
17
24
28 0 4
8
12
16
20
26
28
30
0
2
4
6
8
10
12
14
2
4
6
B
B
A
B
A
B
30
2
26
6
10
14
22
18
A
B
A
B
A
B
A
B
B
A
A
B
B
8
10
12
14
12
4
28
20
2W1-2 phase
→ 2 phase
W1-2 phase
→ 2 phase
1-2 phase
→ 2 phase
2 phase
→ 1-2 phase
Excitation phase according to the first clock input pulse after changing the excitation mode setting (M1 to M2)
Excitation phase immediately before setting the excitation mode
2W1-2 phase
→ 1-2 phase
W1-2 phase
→ 1-2 phase
1-2 phase
→ W1-2 phase
2 phase
→ W1-2 phase
2 phase
→ 2W1-2 phase
2W1-2 phase
→ W1-2 phase
W1-2 phase
→ 2W1-2 phase
1-2 phase
→ 2W1-2 phase
24
0
8
16
20
22
30
28
4
12
20
14
6
28
4
12
A
B
A
B
29
1
25
5
9
13
21
24
28 0 4
8
12
16
20
17
A
B
A
B
29
5
13
21
28
20
4
12
17
A
B
A
B
A13266



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com