Electronic Components Datasheet Search
  English  ▼

X  

T10 Datasheet(PDF) 3 Page - Amphenol Corporation

Part # T10
Description  Measures differential, gage pressure, or vacuum
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

T10 Datasheet(HTML) 3 Page - Amphenol Corporation

  T10 Datasheet HTML 1Page - Amphenol Corporation T10 Datasheet HTML 2Page - Amphenol Corporation T10 Datasheet HTML 3Page - Amphenol Corporation T10 Datasheet HTML 4Page - Amphenol Corporation T10 Datasheet HTML 5Page - Amphenol Corporation T10 Datasheet HTML 6Page - Amphenol Corporation T10 Datasheet HTML 7Page - Amphenol Corporation T10 Datasheet HTML 8Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
Series T Specifications
General
• Measuresdifferential,gagepressure,orvacuum
• Suitableforairorinertgases
• Maximumsafemomentaryoverpressure:see
reference table A
Performance
Accuracy
± 1% of span (including non-linearity and hysteresis)
Calibration
(Traceable to NIST)
Environmental
Operating Temperature Range
32°F to 115°F (0°C to 45°C)
Storage Temperature
-20°F to 160°F (-30°C to 70°C)
Effect of Temperature
• onzero:±0.05%/°C
• onspan:±0.02%/°C
Operating Humidity Range
10% to 90% RH
non-condensing
Shock Resistance
10 G (11 ms)
Vibration Resistance
5 G to 50 Hz
Electrical Connections
Connections
External 3/8 in terminal strip with #6 screws
Physical
Pressure Port Connections
3/16 in diameter suitable for:
• 1/8inIDTygon™orpolyurethanetubing
0.11 in to 0.15 in (3 mm to 4 mm)
• 1/4inODpolyethylenetubing(6mm)
Integral filters at both ports
Dimensions (W x L x H)
3.00 in x 5.15 in x 1.40 in
(76 mm x 131 mm x 36 mm)
Material
Flame retardant, glass-reinforced polyphenylene oxide
(NORYL) case
Weight
0.42 lbs (190 g) maximum



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com