Electronic Components Datasheet Search
  English  ▼

X  

T10 Datasheet(PDF) 4 Page - Amphenol Corporation

Part # T10
Description  Measures differential, gage pressure, or vacuum
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

T10 Datasheet(HTML) 4 Page - Amphenol Corporation

  T10 Datasheet HTML 1Page - Amphenol Corporation T10 Datasheet HTML 2Page - Amphenol Corporation T10 Datasheet HTML 3Page - Amphenol Corporation T10 Datasheet HTML 4Page - Amphenol Corporation T10 Datasheet HTML 5Page - Amphenol Corporation T10 Datasheet HTML 6Page - Amphenol Corporation T10 Datasheet HTML 7Page - Amphenol Corporation T10 Datasheet HTML 8Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
Model T10 Specifications
DC Power Input/Voltage Output
Diagram shows area of detail.
Please see inset diagrams for wiring.
Electrical
Supply Voltage
11 to 32 VDC (14.5 to 32 VDC for 10 Volts output)
Protected against reversal of polarity
Supply Current
10 mA
Output
• 0to5Volts,linear
• 0to10Volts,linear
• Sinkorsource3.5mA
• Protectedagainstshortcircuit
Ordering Information
Order Number
(See Table below and Reference Table A on page 8)
T10 - PPP - V - O
Example: T10 - 01E - 5 - A
PPP = Pressure Range
V = Voltage Output
O =
Offset
(See Note)
See Reference Table A 5 = 0 to 5 Volts
0 = No offset
X = 0 to 10 Volts
A = 1/4 offset
B = 1/2 offset
If the measured differential pressure is expected to go
from positive to negative, a transmitter with offset
(elevated zero) should be ordered.
Three options are available:
“0”
No offset. At zero differential pressure the
output signal is:
0 V (0 to 5 V range)
0 V (0 to 10 V range)
Pressure excursion: 0% to 100% of Range,
see Table A
“A”
1/4 span offset. At zero differential pressure the
output signal is:
1.25 V (0 to 5 V range)
2.5 V (0 to 10 V range)
Pressure excursion: -33% to 100% of Range,
see Table A
“B”
1/2 span offset. At zero differential pressure the
output signal is:
2.5 V (0 to 5 V range)
5 V (0 to 10 V range)
Pressure excursion: -100% to 100% of Range
see Table A
To order: determine the positive pressure range; from Table A find
the corresponding pressure code, then add the required offset
(none, A, or B).
For example, T30 05E A is a transmitter with a maximum range of
1 in (25.40 mm) of H2O at 20 mA and a minimum range of -0.33 in
of H2O at 4 mA.
Com Vsup Vout
12
3
Receiver
Power Supply
11 to 32 Vdc
-
+
+
-
A
Modus instruments, Inc.
Span
Zero
COM Vsup Vout
Pressure
Hi
Lo
Terminal strip
with #6 screws
5.13 in (130 mm)
4.75 in (121 mm)
4.24 in (108 mm)
3 in
(76 mm)
0.19 in (4.8 mm)
Pressure fittings
1.50 in
(38 mm)
0.15 in
(3.8 mm)
1.14 in
(29 mm)
1.48 in
(37.6 mm)
0.19 in (4.8 mm) Ø
2 holes
Terminal 1 is common to
both the DC power supply
and the output signal.
Terminal 2 is positive DC
supply voltage. Terminal 3 is
positive signal voltage.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com