Electronic Components Datasheet Search
  English  ▼

X  

T10 Datasheet(PDF) 5 Page - Amphenol Corporation

Part # T10
Description  Measures differential, gage pressure, or vacuum
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

T10 Datasheet(HTML) 5 Page - Amphenol Corporation

  T10 Datasheet HTML 1Page - Amphenol Corporation T10 Datasheet HTML 2Page - Amphenol Corporation T10 Datasheet HTML 3Page - Amphenol Corporation T10 Datasheet HTML 4Page - Amphenol Corporation T10 Datasheet HTML 5Page - Amphenol Corporation T10 Datasheet HTML 6Page - Amphenol Corporation T10 Datasheet HTML 7Page - Amphenol Corporation T10 Datasheet HTML 8Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
In
Out
120Vac
-
+
1
2
3
4
Receiver
Power Supply
24, 120 or 240 Vac
Model T20 Specifications
AC Power Input/Voltage Output
Electrical
Transformer isolation between power supply and
output is 2500 Vrms
Output Voltage
• 0to5Volts
• 0to10Volts
• Sinkorsource3.5mA
• Protectedagainstshortcircuit
Ordering Information
Order Number
(See Table below and Reference Table A on page 8)
T20 - PPP - S - V - O
Example: T20 - 07P - C - X - B
PPP = Pressure Range
S = Supply Voltage V = Voltage Output O = Offset
(See Note)
See Table Reference A C = 24 VAC
5 = 0 to 5 Volts
0 = No offset
D = 120 VAC
X = 0 to 10 Volts
A = 1/4 offset
E = 240 VAC
B = 1/2 offset
If the measured differential pressure is expected to go
from positive to negative, a transmitter with offset
(elevated zero) should be ordered.
Terminals 1 and 2 are AC
power input.
Terminals 3 and 4 are DC
voltage output.
Three options are available:
“0”
No offset. At zero differential pressure the
output
signal is:
0 V (0 to 5 V range)
0 V (0 to 10 V range)
Pressure excursion: 0% to 100% of Range,
see Table A
“A”
1/4 span offset. At zero differential pressure the
output signal is:
1.25 V (0 to 5 V range)
2.5 V (0 to 10 V range)
Pressure excursion: -33% to 100% of Range,
see Table A
“B”
1/2 span offset. At zero differential pressure the
output signal is:
2.5 V (0 to 5 V range)
5 V (0 to 10 V range)
Pressure excursion: -100% to 100% of Range
see Table A
To order: determine the positive pressure range; from
Table A find the corresponding pressure code, then add
the required offset (none, A, or B).
For example, T30 05E A is a transmitter with a maximum
range of 1 in (25.40 mm) of H2O at 20 mA and a
minimum range of -0.33 in of H2O at 4 mA.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com