Electronic Components Datasheet Search
  English  ▼

X  

T10 Datasheet(PDF) 7 Page - Amphenol Corporation

Part # T10
Description  Measures differential, gage pressure, or vacuum
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

T10 Datasheet(HTML) 7 Page - Amphenol Corporation

  T10 Datasheet HTML 1Page - Amphenol Corporation T10 Datasheet HTML 2Page - Amphenol Corporation T10 Datasheet HTML 3Page - Amphenol Corporation T10 Datasheet HTML 4Page - Amphenol Corporation T10 Datasheet HTML 5Page - Amphenol Corporation T10 Datasheet HTML 6Page - Amphenol Corporation T10 Datasheet HTML 7Page - Amphenol Corporation T10 Datasheet HTML 8Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
Model T40 Specifications
AC Power Input / 4 to 20 mA Output
Electrical
• Transformer isolation between power supply and
output is 2500 Vrms
• Receiver resistance can be from 0 to 600 W
• Output limited to approx. 27 mA at the upper end of
span
Ordering Information
Order Number
(See Table below and Reference Table A on page 8)
T40 - PPP - S - O
Example: T40 - 03M - E - B
PPP = Pressure Range S = Supply Voltage O = Offset
(See Note)
See Reference Table A
C = 24 VAC
0 = No offset
D = 120 VAC
A = 1/4 offset
E = 240 VAC
B = 1/2 offset
If the measured differential pressure is expected to go
from positive to negative, a transmitter with offset
(elevated zero) should be ordered.
Three options are available:
“0”
No offset. At zero differential pressure the output
signal is:
4 mA (4 to 20 mA range)
Pressure excursion: 0% to 100% of Range,
see Table A
“A”
1/4 span offset. At zero differential pressure the
output signal is:
8 mA (4 to 20 mA range)
Pressure excursion: -33% to 100% of Range,
see Table A
“B”
1/2 span offset. At zero differential pressure the
output signal is:
12 mA (4 to 20 mA range)
Pressure excursion: -100% to 100% of Range
see Table A
To order: determine the positive pressure range; from
Table A find the corresponding pressure code, then add
the required offset (none, A, or B).
For example, T30 05E A is a transmitter with a maximum
range of 1 in (25.40 mm) of H2O at 20 mA and a minimum
range of -0.33 in of H2O at 4 mA.
Nominal Input
Voltage
Power
Consumption
Operating
Voltage Range
24 VAC, 50/60Hz
1.5 W
20 to 30 VAC
120 VAC, 50/60Hz
1.5 W
100 to 140 VAC
240 VAC, 50/60Hz
1.5 W
200 to 260 VAC



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com