Electronic Components Datasheet Search
  English  ▼

X  

T10 Datasheet(PDF) 2 Page - Amphenol Corporation

Part # T10
Description  Measures differential, gage pressure, or vacuum
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

T10 Datasheet(HTML) 2 Page - Amphenol Corporation

  T10 Datasheet HTML 1Page - Amphenol Corporation T10 Datasheet HTML 2Page - Amphenol Corporation T10 Datasheet HTML 3Page - Amphenol Corporation T10 Datasheet HTML 4Page - Amphenol Corporation T10 Datasheet HTML 5Page - Amphenol Corporation T10 Datasheet HTML 6Page - Amphenol Corporation T10 Datasheet HTML 7Page - Amphenol Corporation T10 Datasheet HTML 8Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
T10
Three-wire
DC Voltage In
DC Voltage Out
T20
Four-wire
24, 120, or 240 VAC In
DC Voltage Out
T30
Two-wire
DC Voltage In
4 to 20 mA Out
T40
Four-wire
24, 120, 240 VAC In
4 to 20 mA Out
The piezoresistive sensor is a solid state device
designed in a Wheatstone bridge configuration. When
pressure is applied to the device, the resistance of the
bridge changes by a small amount. This resistance
change is converted to a voltage and amplified.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com