Electronic Components Datasheet Search
  English  ▼

X  

CT5.121 Datasheet(PDF) 16 Page - PULS GmbH

Part # CT5.121
Description  12V, 8A, TWO-PHASE INPUT
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

CT5.121 Datasheet(HTML) 16 Page - PULS GmbH

Back Button CT5.121 Datasheet HTML 12Page - PULS GmbH CT5.121 Datasheet HTML 13Page - PULS GmbH CT5.121 Datasheet HTML 14Page - PULS GmbH CT5.121 Datasheet HTML 15Page - PULS GmbH CT5.121 Datasheet HTML 16Page - PULS GmbH CT5.121 Datasheet HTML 17Page - PULS GmbH CT5.121 Datasheet HTML 18Page - PULS GmbH CT5.121 Datasheet HTML 19Page - PULS GmbH CT5.121 Datasheet HTML 20Page - PULS GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 21 page
background image
CT5.121
C-Series
12V, 8A, TWO-PHASE INPUT
22. ACCESSORIES
ZM1.WALL Wall mounting bracket
This bracket is used to mount specific Dimension units onto a flat surface without utilizing a DIN-Rail. The two
aluminum brackets and the black plastic slider of the unit have to be removed, so that the two steel brackets can be
mounted.
Fig. 22-1 ZM1.WALL Wall mounting bracket
Fig. 22-2 Assembled wall mounting bracket *)
*)
Picture of the power supply is for representation only
ZM12.SIDE Side mounting bracket
This bracket is used to mount Dimension units sideways with or without utilizing a DIN-Rail. The two aluminum
brackets and the black plastic slider of the unit have to be detached, so that the steel brackets can be mounted.
For sideway DIN-rail mounting, the removed aluminum brackets and the black plastic slider need to be mounted on
the steel bracket.
Fig. 22-3
ZM12.SIDE Side mounting bracket *)
Fig. 22-4
Side mounting with DIN-rail brackets *)
*)
Picture of the power supply is for representation only
Jan. 2010 / Rev. 1.0 DS-CT5.121-EN
All parameters are specified at 12V, 8A, 400Vac, 25°C ambient and after a 5 minutes run-in time unless otherwise noted.
www.pulspower.com Phone +49 89 9278 0
Germany
16/21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com