Electronic Components Datasheet Search
  English  ▼

X  

CT5.121 Datasheet(PDF) 18 Page - PULS GmbH

Part # CT5.121
Description  12V, 8A, TWO-PHASE INPUT
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

CT5.121 Datasheet(HTML) 18 Page - PULS GmbH

Back Button CT5.121 Datasheet HTML 13Page - PULS GmbH CT5.121 Datasheet HTML 14Page - PULS GmbH CT5.121 Datasheet HTML 15Page - PULS GmbH CT5.121 Datasheet HTML 16Page - PULS GmbH CT5.121 Datasheet HTML 17Page - PULS GmbH CT5.121 Datasheet HTML 18Page - PULS GmbH CT5.121 Datasheet HTML 19Page - PULS GmbH CT5.121 Datasheet HTML 20Page - PULS GmbH CT5.121 Datasheet HTML 21Page - PULS GmbH  
Zoom Inzoom in Zoom Outzoom out
 18 / 21 page
background image
CT5.121
C-Series
12V, 8A, TWO-PHASE INPUT
23.3. CHARGING OF BATTERIES
The power supply can be used to charge 12V lead-acid or maintenance free batteries.
Instructions for charging batteries:
a)
Ensure that the ambient temperature of the power supply is below 45°C
b)
Set output voltage (measured at no load and at the battery end of the cable) very precisely to the end-of-charge
voltage.
End-of-charge voltage
13.9V
13.75V
13.6V
13.4V
Battery temperature
10°C
20°C
30°C
40°C
c)
Use a 10A circuit breaker (or blocking diode) between the power supply and the battery.
d)
Ensure that the output current of the power supply is below the allowed charging current of the battery.
e)
The return current to the power supply (battery discharge current) is typ. 5.5mA when the power supply is
switched off (except in case a blocking diode is utilized).
23.4. EXTERNAL INPUT PROTECTION
The unit is tested and approved for branch circuits up to 30A (U.S.A.) and 32A (IEC). An external protection is only
required, if the supplying branch has an ampacity greater than this. Check also local codes and local requirements. In
some countries local regulations might apply.
If an external fuse is necessary or utilized, minimum requirements need to be considered to avoid nuisance tripping of
the circuit breaker. A minimum value of 6A B- or 3A C-Characteristic breaker should be used
23.5. INDUCTIVE AND CAPACITIVE LOADS
The unit is designed to supply any kind of loads, including unlimited capacitive and inductive loads.
Jan. 2010 / Rev. 1.0 DS-CT5.121-EN
All parameters are specified at 12V, 8A, 400Vac, 25°C ambient and after a 5 minutes run-in time unless otherwise noted.
www.pulspower.com Phone +49 89 9278 0
Germany
18/21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com