Electronic Components Datasheet Search
  English  ▼

X  

CT5.121 Datasheet(PDF) 1 Page - PULS GmbH

Part # CT5.121
Description  12V, 8A, TWO-PHASE INPUT
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

CT5.121 Datasheet(HTML) 1 Page - PULS GmbH

  CT5.121 Datasheet HTML 1Page - PULS GmbH CT5.121 Datasheet HTML 2Page - PULS GmbH CT5.121 Datasheet HTML 3Page - PULS GmbH CT5.121 Datasheet HTML 4Page - PULS GmbH CT5.121 Datasheet HTML 5Page - PULS GmbH CT5.121 Datasheet HTML 6Page - PULS GmbH CT5.121 Datasheet HTML 7Page - PULS GmbH CT5.121 Datasheet HTML 8Page - PULS GmbH CT5.121 Datasheet HTML 9Page - PULS GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
CT5.121
C-Series
12V, 8A, TWO-PHASE INPUT
POWER SUPPLY
AC 380-480V Wide-range Input
Input Fuses Already Included
Requires only Two Legs of a 3-Phase System
Width only 40mm
Efficiency up to 85.8%
Input -Transient Blanking Circuit Included
Minimal Inrush Current Surge
Full Power Between -25°C and +60°C
3 Year Warranty
1/21
GENERAL DESCRIPTION
The Dimension C-Series are cost optimized power
supplies without compromising quality, reliability and
performance. The C-Series is part of the DIMENSION
power supply family. The most outstanding features of
CT5.121 are the high efficiency, electronic inrush current
limitation, active input transient filter and wide
operational temperature range, the small size and other
technological design concepts.
The C-Series includes all the essential basic functions.
The CT5.121 utilizes only 2 legs of a 3-phase system
which saves wiring and installation costs. Furthermore,
this allows a smaller unit without compromising the size
of the terminals. Due to the low power consumption, an
unbalancing of the individual phases is not expected.
SHORT-FORM DATA
Output voltage
DC 12V
Adjustment range
12-15V
Output current
8 – 6.4A
Output power
96W
Output ripple
< 100mVpp
20Hz to 20MHz
Input voltage
AC 380-480V
-15%/+20%
Mains frequency
50-60Hz
±6%
AC Input current
0.64 / 0.56A
at 400 / 480Vac
Power factor
0.44 / 0.42
at 400 / 480Vac
AC Inrush current
typ. 4A peak
Efficiency
85.4 / 85.8%
at 400 / 480Vac
Losses
16.4 / 15.9W
at 400 / 480Vac
Temperature range -25°C to +70°C
operational
Derating
2.5W/°C
+60 to +70°C
Hold-up time
typ. 33 / 58ms
at 400 / 480Vac
Dimensions
40x124x117mm
WxHxD
ORDER NUMBERS
Power Supply
CT5.121
12-15V Standard unit
Accessory
ZM1.WALL
Wall mount bracket
ZM12.SIDE
Side mount bracket
YR2.DIODE
Decoupling module
MARKINGS
IND. CONT. EQ.
UL 508
UL 60950-1
Marine,pending
EMC, LVD
Jan. 2010 / Rev. 1.0 DS-CT5.121-EN
All parameters are specified at 12V, 8A, 400Vac, 25°C ambient and after a 5 minutes run-in time unless otherwise noted.
www.pulspower.com Phone +49 89 9278 0
Germany


Similar Part No. - CT5.121

ManufacturerPart #DatasheetDescription
logo
PULS GmbH
CT5.241 PULS-CT5.241 Datasheet
595Kb / 21P
24V, 5A, TWO-PHASE INPUT
More results

Similar Description - CT5.121

ManufacturerPart #DatasheetDescription
logo
PULS GmbH
CT5.241 PULS-CT5.241 Datasheet
595Kb / 21P
24V, 5A, TWO-PHASE INPUT
ML15.121 PULS-ML15.121 Datasheet
534Kb / 23P
12V, 1.3A, SINGLE PHASE INPUT
ML100.200 PULS-ML100.200 Datasheet
112Kb / 2P
24V 4.2A, TWO-PHASE INPUT
ML90.200 PULS-ML90.200 Datasheet
120Kb / 2P
24V 3.75A, TWO-PHASE INPUT
ML60.121 PULS-ML60.121 Datasheet
635Kb / 23P
12V, 4.5A, SINGLE PHASE INPUT
ML60.122 PULS-ML60.122 Datasheet
636Kb / 23P
12V, 4.5A, SINGLE PHASE INPUT
QS10.301 PULS-QS10.301 Datasheet
771Kb / 26P
30V, 8A, SINGLE PHASE INPUT
QS10.121 PULS-QS10.121 Datasheet
779Kb / 26P
12V, 15A, SINGLE PHASE INPUT
CPS20.121 PULS-CPS20.121 Datasheet
718Kb / 26P
12V, 30A, SINGLE PHASE INPUT
CP10.121 PULS-CP10.121_17 Datasheet
969Kb / 28P
12V, 16A, 192W, SINGLE PHASE INPUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com