Electronic Components Datasheet Search
  English  ▼

X  

CT5.121 Datasheet(PDF) 8 Page - PULS GmbH

Part # CT5.121
Description  12V, 8A, TWO-PHASE INPUT
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

CT5.121 Datasheet(HTML) 8 Page - PULS GmbH

Back Button CT5.121 Datasheet HTML 4Page - PULS GmbH CT5.121 Datasheet HTML 5Page - PULS GmbH CT5.121 Datasheet HTML 6Page - PULS GmbH CT5.121 Datasheet HTML 7Page - PULS GmbH CT5.121 Datasheet HTML 8Page - PULS GmbH CT5.121 Datasheet HTML 9Page - PULS GmbH CT5.121 Datasheet HTML 10Page - PULS GmbH CT5.121 Datasheet HTML 11Page - PULS GmbH CT5.121 Datasheet HTML 12Page - PULS GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
CT5.121
C-Series
12V, 8A, TWO-PHASE INPUT
8. EFFICIENCY AND POWER LOSSES
AC 400V
AC 480V
Efficiency
typ.
85.4%
85.8%
at 12V, 8A
Average efficiency *)
typ.
84.7%
84.1%
25% at 2A, 25% at 4A, 25% at 6A. 25% at 8A
Power losses
typ.
1.5W
1.6W
at 0A
8.4W
9.1W
at 12V, 4A
typ.
16.4W
15.9W
at 12V, 8A
*)
The average efficiency is an assumption for a typical application where the power supply is loaded with 25% of the nominal load for 25%
of the time, 50% of the nominal load for another 25% of the time, 75% of the nominal load for another 25% of the time and with 100%
of the nominal load for the rest of the time.
Fig. 8-1
Efficiency vs. output current at 12V,
typ.
Fig. 8-2
Losses vs. output current at 12V,
typ.
Efficiency
1
82
84
86
81
87%
8A
24
5
Output Current
3
83
85
400Vac
480Vac
67
Power Losses
01
2
4
5
8A
0
3
9
15
18W
6
3
12
Output Current
67
400Vac
480Vac
Fig. 8-3
Efficiency vs. input voltage at 12V,
8A, typ.
Fig. 8-4
Losses vs. input voltage at 12V, 8A,
typ.
Efficiency
320
360
400
440
480
87%
84.5
85.5
86.5
86.0
85.0
84.0
520
560
Input Voltage Vac
Power Losses
320
360
400
440
480
18W
3
9
15
12
6
o
520
560
Input Voltage Vac
Jan. 2010 / Rev. 1.0 DS-CT5.121-EN
All parameters are specified at 12V, 8A, 400Vac, 25°C ambient and after a 5 minutes run-in time unless otherwise noted.
www.pulspower.com Phone +49 89 9278 0
Germany
8/21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com