Electronic Components Datasheet Search
  English  ▼

X  

CT5.121 Datasheet(PDF) 19 Page - PULS GmbH

Part # CT5.121
Description  12V, 8A, TWO-PHASE INPUT
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

CT5.121 Datasheet(HTML) 19 Page - PULS GmbH

Back Button CT5.121 Datasheet HTML 13Page - PULS GmbH CT5.121 Datasheet HTML 14Page - PULS GmbH CT5.121 Datasheet HTML 15Page - PULS GmbH CT5.121 Datasheet HTML 16Page - PULS GmbH CT5.121 Datasheet HTML 17Page - PULS GmbH CT5.121 Datasheet HTML 18Page - PULS GmbH CT5.121 Datasheet HTML 19Page - PULS GmbH CT5.121 Datasheet HTML 20Page - PULS GmbH CT5.121 Datasheet HTML 21Page - PULS GmbH  
Zoom Inzoom in Zoom Outzoom out
 19 / 21 page
background image
CT5.121
C-Series
12V, 8A, TWO-PHASE INPUT
23.6. PARALLEL USE TO INCREASE OUTPUT POWER
CT5.121 power supplies can be paralleled to increase the output power. This
power supply has no feature included which balances the load current
between the power supplies. Usually the power supply with the higher
adjusted output voltage draws current until it goes into current limitation.
Therefore, the power supply can only be used in parallel as long as the
ambient temperature stays below 45°C. The output voltages of all power
supplies shall be adjusted to the same value (±100mV). A fuse or diode on
the output of each unit is only required if more than three units are
connected in parallel. If a fuse (or circuit breaker) is used, choose one with
approximately 150% of the rated output current of one power supply. Keep
an installation clearance of 15mm (left / right) between two power supplies and avoid installing the power supplies on
top of each other. Do not use power supplies in parallel in mounting orientations other than the standard mounting
orientation (input terminals on the bottom and output terminals on top of the unit) or in any other condition where a
derating of the output current is required (e.g. altitude, above 60°C, …). Pay attention that leakage current, EMI,
inrush current, harmonics will increase when using multiple power supplies.
Unit A
AC
DC
Unit B
AC
DC
-
+
-
+
Load
+
-
23.7. PARALLEL USE FOR REDUNDANCY
Power supplies can be paralleled for redundancy to gain higher system availability. Redundant systems require a
certain amount of extra power to support the load in case one power supply unit fails. The simplest way is to put two
power supplies in parallel. This is called a 1+1 redundancy. In case one power supply unit fails, the other one is
automatically able to support the load current without any interruption. Redundant systems for a higher power
demand are usually built in a N+1 method. E.g. six power supplies, each rated for 8A are paralleled to build a 40A
redundant system. For N+1 redundancy the same restrictions apply as for increasing the output power, see also section
23.6.
Please note: This simple way to build a redundant system does not cover failures such as an internal short circuit in
the secondary side of the power supply. In such a case, the defect unit becomes a load for the other power supplies
and the output voltage can not be maintained any more. This can only be avoided by utilizing decoupling diodes
which are included in the decoupling module YR2.DIODE.
Recommendations for building redundant power systems:
a)
Use separate input fuses for each power supply.
b)
Monitor the individual power supply units.
c)
1+1 Redundancy is allowed up to an ambient temperature of 60°C
N+1 Redundancy is allowed up to an ambient temperature of 45°C
d)
It is desirable to set the output voltages of all units to the same value (± 100mV) or leave it at the factory setting.
Jan. 2010 / Rev. 1.0 DS-CT5.121-EN
All parameters are specified at 12V, 8A, 400Vac, 25°C ambient and after a 5 minutes run-in time unless otherwise noted.
www.pulspower.com Phone +49 89 9278 0
Germany
19/21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com