Electronic Components Datasheet Search
  English  ▼

X  

SSD50NBT Datasheet(PDF) 2 Page - Laird Tech Smart Technology

Part # SSD50NBT
Description  This document describes key hardware aspects of the Laird SSD50NBT system in package
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSTD [Laird Tech Smart Technology]
Direct Link  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

SSD50NBT Datasheet(HTML) 2 Page - Laird Tech Smart Technology

  SSD50NBT Datasheet HTML 1Page - Laird Tech Smart Technology SSD50NBT Datasheet HTML 2Page - Laird Tech Smart Technology SSD50NBT Datasheet HTML 3Page - Laird Tech Smart Technology SSD50NBT Datasheet HTML 4Page - Laird Tech Smart Technology SSD50NBT Datasheet HTML 5Page - Laird Tech Smart Technology SSD50NBT Datasheet HTML 6Page - Laird Tech Smart Technology SSD50NBT Datasheet HTML 7Page - Laird Tech Smart Technology SSD50NBT Datasheet HTML 8Page - Laird Tech Smart Technology SSD50NBT Datasheet HTML 9Page - Laird Tech Smart Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 45 page
background image
SSD50NBT
Datasheet
Embedded Wireless Solutions Support Center:
http://ews-support.lairdtech.com
www.lairdtech.com/wireless
2
© Copyright 2017 Laird. All Rights Reserved
Americas: +1-800-492-2320
Europe: +44-1628-858-940
Hong Kong: +852 2923 0610
REVISION HISTORY
Version
Date
Notes
Approver
1.0
27 Mar 2016
Initial Version
Andrew Chen
1.1
09 May 2016
Fixed module size error; updated OS support
Jay White
1.2
30 June 2016
Changed document name from HIG to Datasheet
Updated current consumption numbers for MIMO;
removed Single Stream(SISO) references
Andrew Chen
1.3
07 Sept 2016
Updated EU Declaration of Conformity
Sue White
1.4
03 Nov 2016
Updated Tx power numbers to the following:
802.11a (UNII-1, UNII-2A, UNII-2C) or CH 36 – CH 140
6 Mbps
18 dBm (63 mW)
54 Mbps
15 dBm (32 mW)
802.11a (UNII-3) or CH 148 – CH 165
6 Mbps
16 dBm (40 mW)
54 Mbps
15 dBm (32 mW)
802.11n (5 GHz) (UNII-1, UNII-2A, UNII-2C) or CH 36 – CH 140
6.5 Mbps (MCS0;HT20)
18 dBm (63 mW)
65 Mbps (MCS7;HT20)
(MCS0;HT40)
(MCS7; HT40)
14 dBm (25 mW)
15 dBm (32 mW)
12 dBm (16 mW)
802.11n (5 GHz) (UNII-3) or CH 148 – CH 165
6.5 Mbps (MCS0;HT20)
16 dBm (40 mW)
65 Mbps (MCS7;HT20)
(MCS0;HT40)
(MCS7; HT40)
13 dBm (20 mW)
15 dBm (32 mW)
12 dBm (16 mW)
Andrew Chen
1.5
08 Nov 2016
Updated to add section numbers.
Sue White
1.6
09 Dec 2014
Removed Preliminary references
Jay White
1.7
06 Feb 2017
Added Packaging section
Andrew Chen
1.8
07 Feb 2017
Removed duplicate section re: Reflow
Andrew Chen



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com