Electronic Components Datasheet Search
  English  ▼

X  

SSD50NBT Datasheet(PDF) 38 Page - Laird Tech Smart Technology

Part # SSD50NBT
Description  This document describes key hardware aspects of the Laird SSD50NBT system in package
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSTD [Laird Tech Smart Technology]
Direct Link  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

SSD50NBT Datasheet(HTML) 38 Page - Laird Tech Smart Technology

Back Button SSD50NBT Datasheet HTML 34Page - Laird Tech Smart Technology SSD50NBT Datasheet HTML 35Page - Laird Tech Smart Technology SSD50NBT Datasheet HTML 36Page - Laird Tech Smart Technology SSD50NBT Datasheet HTML 37Page - Laird Tech Smart Technology SSD50NBT Datasheet HTML 38Page - Laird Tech Smart Technology SSD50NBT Datasheet HTML 39Page - Laird Tech Smart Technology SSD50NBT Datasheet HTML 40Page - Laird Tech Smart Technology SSD50NBT Datasheet HTML 41Page - Laird Tech Smart Technology SSD50NBT Datasheet HTML 42Page - Laird Tech Smart Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 45 page
background image
SSD50NBT
Datasheet
Embedded Wireless Solutions Support Center:
http://ews-support.lairdtech.com
www.lairdtech.com/wireless
38
© Copyright 2017 Laird. All Rights Reserved
Americas: +1-800-492-2320
Europe: +44-1628-858-940
Hong Kong: +852 2923 0610
16.4 Storage Condition and Baking Information
This product should be stored in a controlled temperature and humidity conditions according to Moisture
Sensitivity Level (MSL) 3.
The calculated shelf life in sealed bag: 12 months at <40◦C and <90% relative humidity (RH).
After the bag is opened, the product should be mounted within 168 hours at <30◦C and 60% RH.
If the product is not mounted within the specified time or, when the sealed bag is opened, the humidity
indicator card displays >10%, the product should be baked at 48 hours at 125◦C ±5◦C
REGULATORY
17.1 Certified Antennas
Model
Type
Connector
2400~2483.5MHz
5150~5250MHz 5250~5350MHz
5470~5725MHz 5725~5850MHz
Laird MAF94051
Dipole
RP-SMA
2.1 dBi (2.4-2.5 GHz), 2.4 dBi (4.9 GHz)
2.6 dBi (5.25 GHz), 3.4 dBi (5.875 GHz)
Laird/NanoBlade-IP04
PCB
Dipole
IPEX MHF
2 dBi (2.4-2.5 GHz),
3.9 dBi (5.15-5.35 GHz), 4 dBi (5.6 GHz)
Laird/MAF95310 Mini Nano Blade
Flex
PCB
Dipole
IPEX MHF
2.79 dBi (2.4 GHz), 3.38 dBi (5 GHz)
Laird/NanoBlue-IP04
PCB
Dipole
IPEX MHF
2 dBi (2.4 GHz only)
Ethertronics/WLAN_1000146
Isolated
Magnetic
Dipole
IPEX MHF
2.5 dBi (2.390-2.490 GHz),
3.5 dBi (4.900-5.100, 5.150-5.350,
5.70-5.900 GHz)
FCC AND IC REGULATORY
Model
US/FCC
CANADA/IC
SSD50NBT
SQG-SSD50NBT
3147A-SSD50NBT
The SSD50NBT has been designed to pass certification with the antenna listed below. The required antenna
impedance is 50 ohms.
Model
Type
Connector
Peak gain ( dBi )
2400~2483.5
MHz
5150~5250
MHz
5250~5350
MHz
5470~5725
MHz
5725~5850
MHz
Laird
MAF94051
Dipole
RP-SMA
2.1 dBi
2.4 dBi
2.6 dBi
3.4 dBi
Laird
NanoBlade-IP04
PCB Dipole
IPEX MHF
2 dBi
3.9 dBi
4 dBi



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com