Electronic Components Datasheet Search
  English  ▼

X  

SSD50NBT Datasheet(PDF) 32 Page - Laird Tech Smart Technology

Part # SSD50NBT
Description  This document describes key hardware aspects of the Laird SSD50NBT system in package
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSTD [Laird Tech Smart Technology]
Direct Link  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

SSD50NBT Datasheet(HTML) 32 Page - Laird Tech Smart Technology

Back Button SSD50NBT Datasheet HTML 28Page - Laird Tech Smart Technology SSD50NBT Datasheet HTML 29Page - Laird Tech Smart Technology SSD50NBT Datasheet HTML 30Page - Laird Tech Smart Technology SSD50NBT Datasheet HTML 31Page - Laird Tech Smart Technology SSD50NBT Datasheet HTML 32Page - Laird Tech Smart Technology SSD50NBT Datasheet HTML 33Page - Laird Tech Smart Technology SSD50NBT Datasheet HTML 34Page - Laird Tech Smart Technology SSD50NBT Datasheet HTML 35Page - Laird Tech Smart Technology SSD50NBT Datasheet HTML 36Page - Laird Tech Smart Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 45 page
background image
SSD50NBT
Datasheet
Embedded Wireless Solutions Support Center:
http://ews-support.lairdtech.com
www.lairdtech.com/wireless
32
© Copyright 2017 Laird. All Rights Reserved
Americas: +1-800-492-2320
Europe: +44-1628-858-940
Hong Kong: +852 2923 0610
If there are other radios or transmitters located on the device (such as a Bluetooth radio), place the
devices as far apart from each other as possible. Also, make sure there is at least 25 dB isolation between
the Bluetooth antenna and the Wi-Fi antenna.
Ensure that there is the maximum allowable spacing separating the antenna connectors on the Laird radio
from the antenna. In addition, do not place antennas directly above or directly below the radio.
Laird recommends the use of a double-shielded cable for the connection between the radio and the
antenna elements.
Be sure to put the capacitor on the power pin as close as possible to reduce the radiation issue.
Use proper electro-static-discharge (ESD) procedures when installing the Laird radio module.
In order to get maximum throughput when operate at MIMO 2x2, two antennas with at least 25 dB
isolation is recommended.
To avoid negatively impacting Tx power and receiver sensitivity, do not cover the antennas with metallic
objects or components.
RECOMMENDED STORAGE, HANDLING, BAKING, AND REFLOW PROFILE
15.1 Required Storage Conditions
Prior to Opening the Dry Packing
The following are required storage conditions prior to opening the dry packing:
Normal temperature: 5~40℃
Normal humidity: 80% (Relative humidity) or less
Storage period: One year or less
Note: Humidity means Relative Humidity.
After Opening the Dry Packing
The following are required storage conditions after opening the dry packing (to prevent moisture absorption):
Storage conditions for one-time soldering:
–
Temperature: 5~25℃
–
Humidity: 60% or less
–
Period: 48 hours or less after opening
Storage conditions for two-time soldering
Storage conditions following opening and prior to performing the 1st reflow:
–
Temperature: 5~25℃
–
Humidity: 60% or less
–
Period: 48 hours or less after opening
Storage conditions following completion of the 1st reflow and prior to performing the 2nd reflow
–
Temperature: 5~25℃
–
Humidity: 60% or less
–
Period: 48 hours or less after completion of the 1st reflow



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com