Electronic Components Datasheet Search
  English  ▼

X  

SSD50NBT Datasheet(PDF) 4 Page - Laird Tech Smart Technology

Part # SSD50NBT
Description  This document describes key hardware aspects of the Laird SSD50NBT system in package
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSTD [Laird Tech Smart Technology]
Direct Link  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

SSD50NBT Datasheet(HTML) 4 Page - Laird Tech Smart Technology

  SSD50NBT Datasheet HTML 1Page - Laird Tech Smart Technology SSD50NBT Datasheet HTML 2Page - Laird Tech Smart Technology SSD50NBT Datasheet HTML 3Page - Laird Tech Smart Technology SSD50NBT Datasheet HTML 4Page - Laird Tech Smart Technology SSD50NBT Datasheet HTML 5Page - Laird Tech Smart Technology SSD50NBT Datasheet HTML 6Page - Laird Tech Smart Technology SSD50NBT Datasheet HTML 7Page - Laird Tech Smart Technology SSD50NBT Datasheet HTML 8Page - Laird Tech Smart Technology SSD50NBT Datasheet HTML 9Page - Laird Tech Smart Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 45 page
background image
SSD50NBT
Datasheet
Embedded Wireless Solutions Support Center:
http://ews-support.lairdtech.com
www.lairdtech.com/wireless
4
© Copyright 2017 Laird. All Rights Reserved
Americas: +1-800-492-2320
Europe: +44-1628-858-940
Hong Kong: +852 2923 0610
SCOPE
This document describes key hardware aspects of the Laird SSD50NBT system in package (SIP) modules
providing either SDIO or USB bus interface for WLAN connection and UART/PCM for Bluetooth® connection. This
document is intended to assist device manufacturers and related parties with the integration of this radio into
their host devices. Data in this document is drawn from a number of sources and includes information found in
the Qualcomm Atheros (QCA) QCA6004 and Cambridge Silicon Radio Ltd. (CSR) CSR8811 A08 data sheets issued
in July 2011, along with other documents provided from QCA and CSR.
Note that the information in this document is subject to change. Please contact Laird to obtain the most recent
version of this document.
INTRODUCTION
2.1
General Description
The SSD50NBT SIP module is an integrated, small form factor 2x2 MIMO 802.11
a/b/g/n WLAN plus Bluetooth 4.0 dual mode device that is optimized for low-
power mobile devices. The integration of all WLAN and Bluetooth functionality in
a single package supports low cost and simple implementation along with
flexibility for platform-specific customization.
This device is pre-calibrated and integrates the complete transmit/receive RF
paths including baluns, mobile phone coexistence band pass filter, diplexer,
switches, power amplifier, low noise amplifier, and reference crystal oscillator.
The SSD50NBT device supports Bluetooth 2.1 + EDR and Bluetooth 4.0 (Bluetooth
Low Energy or BLE). The device’s low power consumption radio architecture and proprietary power save
technologies allow for extended battery life.
In addition, its dual 802.11 and Bluetooth radio includes full digital MAC and baseband engines that handle all
802.11 CCK/OFDM® 2.4/5GHz, and Bluetooth basic rate and EDR baseband and protocol processing.
Dual embedded low-power CPU cores minimize host loading and maximize flexibility to support customer
specific use cases.
The Bluetooth® word mark and logos are registered trademarks owned by Bluetooth SIG, Inc. and any use of such marks by Laird is under license.
Other trademarks and trade names are those of their respective owners.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com