Electronic Components Datasheet Search
  English  ▼

X  

IR2156 Datasheet(PDF) 5 Page - International Rectifier

Part # IR2156
Description  BALLAST CONTROL IC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR2156 Datasheet(HTML) 5 Page - International Rectifier

  IR2156 Datasheet HTML 1Page - International Rectifier IR2156 Datasheet HTML 2Page - International Rectifier IR2156 Datasheet HTML 3Page - International Rectifier IR2156 Datasheet HTML 4Page - International Rectifier IR2156 Datasheet HTML 5Page - International Rectifier IR2156 Datasheet HTML 6Page - International Rectifier IR2156 Datasheet HTML 7Page - International Rectifier IR2156 Datasheet HTML 8Page - International Rectifier IR2156 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
IR2156(S)&(PbF)
www.irf.com
5
Lead Assignments & Definitions
Block Diagram
Pin Assignments
1
2
3
4
5
6
7
10
9
8
NC
VCC
VDC
RT
RPH
COM
CT
CS
LO
VS
HO
VB
CPH
SD
14
13
12
11
Pin # Symbol
Description
1
14
13
3
12
7
6
5
4
2
RT
VS
HO
NC
SD
CPH
CT
RPH
Minimum frequency timing resistor
Preheat frequency timing resistor
Oscillator timing capacitor
Preheat timing capacitor
High-side gate driver output
High-side floating return
CS
Current sensing input
9
11
10
8
LO
VB
VCC
COM
IC power & signal ground
Logic & low-side gate driver supply
High-side gate driver floating supply
Low-side gate driver output
Shutdown input
No connect
VDC
IC start-up and DC bus sensing Input
RT
CPH
VB
HO
VS
LO
CS
Vcc
CT
RPH
COM
R
V
TH
R
ICPH
R
Under-
Voltage
Detect
Fault
Logic
Driver
Logic
High-
Side
Driver
Low-
Side
Driver
Comp 1
Schmitt 1
SD
5.1V
Soft
Start
1.3V
R
R
2.5K
40K
S1
S2
S3
S4
Q
T
RQ
S6
Comp 2
Comp 3
Q
S
R2 Q
R1
VDC
10K
5.1V
5.1V
RDT
RVDC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com