Electronic Components Datasheet Search
  English  ▼

X  

IR2156 Datasheet(PDF) 10 Page - International Rectifier

Part # IR2156
Description  BALLAST CONTROL IC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR2156 Datasheet(HTML) 10 Page - International Rectifier

Back Button IR2156 Datasheet HTML 6Page - International Rectifier IR2156 Datasheet HTML 7Page - International Rectifier IR2156 Datasheet HTML 8Page - International Rectifier IR2156 Datasheet HTML 9Page - International Rectifier IR2156 Datasheet HTML 10Page - International Rectifier IR2156 Datasheet HTML 11Page - International Rectifier IR2156 Datasheet HTML 12Page - International Rectifier IR2156 Datasheet HTML 13Page - International Rectifier IR2156 Datasheet HTML 14Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
IR2156(S)&(PbF)
10
www.irf.com
0
1
2
3
4
5
6
0
5
10
15
VCPH (V)
0
0.5
1
1.5
2
8
9
10
11
12
13
VCC (V)
Graph 6. Frequency vs RT (IR2156)
Graph 5. ICPH vs VCPH (IR2156)
Graph 7. IQCC vs VCC (IR2156)
UVLO Hysteresis
Graph 8. IQBS vs VCC vs Temp(IR2156)
-10
0
10
20
30
40
50
60
70
036
9
12
15
VBS (V)
125 C
75 C
25 C
-25 C
o
o
o
o
1000
10000
100000
1000000
4
13223140
RT (k
Ω)
CT=220pF
CT=470pF
CT=1000pF
CT=2200pF
CT=3300pF
CT=4800pF
CT=6800pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com