Electronic Components Datasheet Search
  English  ▼

X  

IR2156 Datasheet(PDF) 9 Page - International Rectifier

Part # IR2156
Description  BALLAST CONTROL IC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR2156 Datasheet(HTML) 9 Page - International Rectifier

Back Button IR2156 Datasheet HTML 5Page - International Rectifier IR2156 Datasheet HTML 6Page - International Rectifier IR2156 Datasheet HTML 7Page - International Rectifier IR2156 Datasheet HTML 8Page - International Rectifier IR2156 Datasheet HTML 9Page - International Rectifier IR2156 Datasheet HTML 10Page - International Rectifier IR2156 Datasheet HTML 11Page - International Rectifier IR2156 Datasheet HTML 12Page - International Rectifier IR2156 Datasheet HTML 13Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
IR2156(S)&(PbF)
www.irf.com
9
0
200
400
600
800
1000
1200
1400
1600
0
0.5
1
1.5
2
2.5
3
DT (
µS)
Graph 1. CT vs Dead Time (IR2156)
0
1
2
3
4
5
6
40
80
120
160
200
Frequency (KHz)
Graph 2. ICC vs Frequency (IR2156)
40
50
60
70
80
90
100
110
120
9
101112
13
VCPH (V)
RPH=15K
RPH=30K
30
40
50
60
70
80
90
01
23
VDC (V)
RPH=15K
RPH=30K
RPH=100K
Graph 3. Frequency vs VCPH (IR2156)
Graph 4. Frequency vs VDC (IR2156)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com