Electronic Components Datasheet Search
  English  ▼

X  

IR2156 Datasheet(PDF) 20 Page - International Rectifier

Part # IR2156
Description  BALLAST CONTROL IC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR2156 Datasheet(HTML) 20 Page - International Rectifier

Back Button IR2156 Datasheet HTML 16Page - International Rectifier IR2156 Datasheet HTML 17Page - International Rectifier IR2156 Datasheet HTML 18Page - International Rectifier IR2156 Datasheet HTML 19Page - International Rectifier IR2156 Datasheet HTML 20Page - International Rectifier IR2156 Datasheet HTML 21Page - International Rectifier IR2156 Datasheet HTML 22Page - International Rectifier IR2156 Datasheet HTML 23Page - International Rectifier IR2156 Datasheet HTML 24Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
IR2156(S)&(PbF)
20
www.irf.com
ignite. The maximum ignition current is given as:
CS
IGN
R
I
25
.
1
=
[Amps Peak] (9)
or
IGN
CS
I
R
25
.
1
=
[Ohms] (10)
Design Example: 42W-QUAD BIAX CFL
Note: The results from the following design
example can differ slightly from experimental
results due to IC tolerances, component
tolerances, and oscillator over- and under-shoot
due to internal comparator response time.
Step 1: Program Dead-time
The dead-time is chosen to be 0.8
µs. Using
Equation (2) gives the following result:
pF
pF
e
t
C
DT
T
470
400
2000
6
8
.
0
2000
⇒
=
−
=
=
Step 2: Program Run Frequency
The run frequency is chosen to be 43kHz. Using
Equation (4) gives the following result:
3333
12
.
1
1
−
⋅
⋅
=
RUN
T
T
f
C
R
3333
43000
470
12
.
1
1
−
⋅
⋅
=
pF
R
T
Ω
⇒
Ω
=
k
R
T
43
846
,
40
Step 3: Program Preheat Frequency
The preheat frequency is chosen such that the
lamp filaments are adequately heated within the
preheat time. A preheat frequency of 70kHz was
chosen. Using Equation (6) gives the following
result:


−
⋅
⋅
−
⋅


−
⋅
⋅
=
3333
12
.
1
1
3333
12
.
1
1
PH
T
T
T
PH
T
PH
f
C
R
R
f
C
R


−
⋅
⋅
−
⋅


−
⋅
⋅
=
3333
70000
470
02
.
1
1
43000
43000
3333
70000
470
12
.
1
1
pF
pF
R
PH
Ω
⇒
Ω
=
k
R
PH
51
330
,
53
Step 4: Program Preheat Time
The preheat time of 500ms seconds was chosen.
Using Equation (8) gives the following result:
Step 5: Program Ignition Current
The maximum ignition current is given by the
maximum ignition voltage and is chosen as
2.0Apk. Using Equation (10) gives the following
result:
6
331
.
0
−
⋅
=
e
t
C
PH
PH
)
6
331
.
0
(
)
3
500
(
−
⋅
−
=
e
e
C
PH
uF
uF
C
PH
22
.
0
166
.
0
>
−
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com