Electronic Components Datasheet Search
  English  ▼

X  

IR2156 Datasheet(PDF) 1 Page - International Rectifier

Part # IR2156
Description  BALLAST CONTROL IC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR2156 Datasheet(HTML) 1 Page - International Rectifier

  IR2156 Datasheet HTML 1Page - International Rectifier IR2156 Datasheet HTML 2Page - International Rectifier IR2156 Datasheet HTML 3Page - International Rectifier IR2156 Datasheet HTML 4Page - International Rectifier IR2156 Datasheet HTML 5Page - International Rectifier IR2156 Datasheet HTML 6Page - International Rectifier IR2156 Datasheet HTML 7Page - International Rectifier IR2156 Datasheet HTML 8Page - International Rectifier IR2156 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
Features
• Ballast control and half-bridge driver in one IC
• Programmable preheat frequency
• Programmable preheat time
• Internal ignition ramp
• Programmable over-current threshold
• Programmable run frequency
Data Sheet No. PD60182-I
BALLAST CONTROL IC
CFL Application Diagram
• Programmable dead time
• DC bus under-voltage reset
• Shutdown pin with hysteresis
• Internal 15.6V zener clamp diode on Vcc
• Micropower startup (150µA)
• Latch immunity and ESD protection
• Also available LEAD-FREE (PbF)
Description
The IR2156 incorporates a high voltage half-bridge
gate driver with a programmable oscillator and state
diagram to form a complete ballast control IC. The
IR2156 features include programmable preheat and
run frequencies, programmable preheat time, program-
mable dead-time, and programmable over-current pro-
tection. Comprehensive protection features such as
protection from failure of a lamp to strike,filament fail-
ures, as well as an automatic restart function, have
been included in the design. The IR2156 is available in
both 14 lead PDIP and 14 lead SOIC packages.
www.irf.com
1
Packages
14 Lead PDIP
14 Lead SOIC
(narrow body)
L
RES
C
VCC1
M2
M1
1
2
3
4
5
6
7
14
13
12
11
10
9
8
RT
RPH
VDC
CPH
CS
LO
VS
HO
VB
COM
C
BOOT
CT
SD
C
RES
L
N
NC
F1
L FILTE
R
C FILTE
R
R
PH
R
T
C
CPH
C
T
R
1
C
SNUB
C
CP
D
CP1
D
CP2
C
ELCAP1
C
ELCAP1
D
RECT1
D
RECT2
VCC
C
VCC2
C
VDC
D
BOOT
R
BUS
R
SUPPLY
R
CS
C
CS
IR2156(S)&(PbF)


Similar Part No. - IR2156

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR2156PBF IRF-IR2156PBF Datasheet
783Kb / 21P
BALLAST CONTROL IC
IR2156PBF IRF-IR2156PBF_15 Datasheet
783Kb / 21P
BALLAST CONTROL IC
IR2156STRPBF IRF-IR2156STRPBF Datasheet
783Kb / 21P
BALLAST CONTROL IC
More results

Similar Description - IR2156

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN7532 FAIRCHILD-FAN7532 Datasheet
252Kb / 16P
Ballast Control IC
logo
International Rectifier
IRS2166DSPBF IRF-IRS2166DSPBF Datasheet
501Kb / 20P
PFC BALLAST CONTROL IC
logo
Samsung semiconductor
KA7531 SAMSUNG-KA7531 Datasheet
870Kb / 21P
BALLAST CONTROL IC
logo
Fairchild Semiconductor
FAN7711 FAIRCHILD-FAN7711 Datasheet
1Mb / 23P
Ballast Control IC
FAN7535 FAIRCHILD-FAN7535 Datasheet
465Kb / 12P
PFC & Ballast Control IC
logo
Princeton Technology Co...
PT5615 PTC-PT5615 Datasheet
216Kb / 4P
Ballast Control IC
logo
SHANGHAI BELLING CO., L...
BL8305A BELLING-BL8305A Datasheet
274Kb / 8P
BALLAST CONTROL IC
logo
International Rectifier
IR2166STRPBF IRF-IR2166STRPBF Datasheet
620Kb / 33P
PFC & BALLAST CONTROL IC
IR2156STRPBF IRF-IR2156STRPBF Datasheet
783Kb / 21P
BALLAST CONTROL IC
IR2156PBF IRF-IR2156PBF_15 Datasheet
783Kb / 21P
BALLAST CONTROL IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com