Electronic Components Datasheet Search
  English  ▼

X  

IR3093M Datasheet(PDF) 3 Page - International Rectifier

Part # IR3093M
Description  3 PHASE OPTERON, ATHLON, OR VR10.X CONTROL IC
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3093M Datasheet(HTML) 3 Page - International Rectifier

  IR3093M Datasheet HTML 1Page - International Rectifier IR3093M Datasheet HTML 2Page - International Rectifier IR3093M Datasheet HTML 3Page - International Rectifier IR3093M Datasheet HTML 4Page - International Rectifier IR3093M Datasheet HTML 5Page - International Rectifier IR3093M Datasheet HTML 6Page - International Rectifier IR3093M Datasheet HTML 7Page - International Rectifier IR3093M Datasheet HTML 8Page - International Rectifier IR3093M Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 39 page
background image
IR3093
Page 3 of 39
07/15/04
ABSOLUTE MAXIMUM RATINGS
Operating Junction Temperature……………..150oC
Storage Temperature Range………………….-65oC to 150oC
PIN
NAME
VMAX
VMIN
ISOURCE
ISINK
1
VID3
30V
-0.3V
1mA
1mA
2
VID4
30V
-0.3V
1mA
1mA
3
ROSC
30V
-0.5V
1mA
1mA
4
VOSNS-
0.5V
-0.5V
10mA
10mA
5
OCSET
30V
-0.3V
1mA
1mA
6
VDAC
30V
-0.3V
1mA
1mA
7
VDRP
30V
-0.3V
5mA
5mA
8
FB
30V
-0.3V
1mA
1mA
9
EAOUT
10V
-0.3V
10mA
20mA
10
SS/DEL
30V
-0.3V
1mA
1mA
11
SCOMP2
30V
-0.3V
5mA
5mA
12
SCOMP3
30V
-0.3V
5mA
5mA
13
LGND
n/a
n/a
50mA
1mA
14
SETBIAS
30V
-0.3V
1mA
1mA
15
VCC
30V
-0.3V
1mA
250mA
16
CSINP3
30V
-0.3V
250mA
1mA
17
CSINM3
30V
-0.3V
250mA
1mA
18
BIASOUT
30V
-0.3V
250mA
1mA
19
PWRGD
30V
-0.3V
1mA
20mA
20
CSINP2
30V
-0.3V
250mA
1mA
21
CSINM2
30V
-0.3V
250mA
1mA
22
VID_SEL
30V
-0.3V
1mA
1mA
23
VCCL3
30V
-0.3V
n/a
3A for 100ns, 200mA DC
24
GATEL3
30V
-0.3V DC, -2V for 100ns
3A for 100ns, 200mA DC
3A for 100ns, 200mA DC
25
PGND3
0.3V
-0.3V
3A for 100ns, 200mA DC
n/a
26
GATEH3
30V
-0.3V DC, -2V for 100ns
3A for 100ns, 200mA DC
3A for 100ns, 200mA DC
27
VCCH3
30V
-0.3V
n/a
3A for 100ns, 200mA DC
28
VCCH2
30V
-0.3V
n/a
3A for 100ns, 200mA DC
29
GATEH2
30V
-0.3V DC, -2V for 100ns
3A for 100ns, 200mA DC
3A for 100ns, 200mA DC
30
PGND2
0.3V
-0.3V
3A for 100ns, 200mA DC
n/a
31
GATEL2
30V
-0.3V DC, -2V for 100ns
3A for 100ns, 200mA DC
3A for 100ns, 200mA DC
32
5VUVL
30V
-0.3V
1mA
1mA
33
VCCL1_2
30V
-0.3V
n/a
3A for 100ns, 200mA DC
34
GATEL1
30V
-0.3V DC, -2V for 100ns
3A for 100ns, 200mA DC
3A for 100ns, 200mA DC
35
PGND1
0.3V
-0.3V
3A for 100ns, 200mA DC
n/a
36
GATEH1
30V
-0.3V DC, -2V for 100ns
3A for 100ns, 200mA DC
3A for 100ns, 200mA DC
37
VCCH1
30V
-0.3V
n/a
3A for 100ns, 200mA DC
38
NC
n/a
n/a
n/a
n/a
39
CSINM1
30V
-0.3V
250mA
1mA
40
CSINP1
30V
-0.3V
250mA
1mA
41
OVP
30V
-0.3V
1mA
1mA
42
ENABLE
30V
-0.3V
1mA
1mA
43
OVPSNS
30V
-0.3V
1mA
1mA
44
5VREF
10V
-0.3V
10mA
20mA
45
VID5
30V
-0.3V
1mA
1mA
46
VID0
30V
-0.3V
1mA
1mA
47
VID1
30V
-0.3V
1mA
1mA
48
VID2
30V
-0.3V
1mA
1mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com