Electronic Components Datasheet Search
  English  ▼

X  

IR3093M Datasheet(PDF) 6 Page - International Rectifier

Part # IR3093M
Description  3 PHASE OPTERON, ATHLON, OR VR10.X CONTROL IC
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3093M Datasheet(HTML) 6 Page - International Rectifier

Back Button IR3093M Datasheet HTML 2Page - International Rectifier IR3093M Datasheet HTML 3Page - International Rectifier IR3093M Datasheet HTML 4Page - International Rectifier IR3093M Datasheet HTML 5Page - International Rectifier IR3093M Datasheet HTML 6Page - International Rectifier IR3093M Datasheet HTML 7Page - International Rectifier IR3093M Datasheet HTML 8Page - International Rectifier IR3093M Datasheet HTML 9Page - International Rectifier IR3093M Datasheet HTML 10Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 39 page
background image
IR3093
Page 6 of 39
07/15/04
PARAMETER
TEST CONDITION
MIN
TYP
MAX
UNIT
PWRGD Output
Output Voltage
I(PWRGD) = 4mA
150
400
mV
Leakage Current
V(PWRGD) = 5.5V
0
10
PA
Enable Input
Threshold, INTEL
VID_SEL=0, Referenced to VOSNS-
0.4
0.6
0.8
V
Threshold, AMD
VID_SEL=Float, Referenced to VOSNS-
1.3
1.5
1.7
V
Input Resistance
5
10
20
k
Ÿ
Pull-up Voltage
2.4
3.0
3.7
V
Gate Drivers
GATEH Rise Time
VCCHX = 8V, Measure 1V to 7V transition
time. Note 1.
25
50
ns
GATEH Fall Time
VCCHX = 8V, Measure 7V to 1V transition
time. Note 1.
25
50
ns
GATEL Rise Time
VCCLX= 8V, Measure 1V to 7V transition
time. Note 1.
50
90
ns
GATEL Fall Time
VCCLX= 8V, Measure 7V to 1V transition
time. Note 1.
30
60
ns
High Voltage (AC)
Measure VCCLX– GATELX or VCCHX –
GATEHX, Note 1
0
0.5V
V
Low Voltage (AC)
Measure GATELX or GATEHX, Note 1
0
0.5V
V
GATEL low to GATEH high
delay
VCCHX = VCCLX= 8V, Measure the time
from GATELX falling to 1V to GATEHX
rising to 1V. Note 1.
10
25
50
ns
GATEH low to GATEL high
delay
VCCHX = VCCLX= 8V, Measure the time
from GATEHX falling to 1V to GATELX
rising to 1V. Note 1.
10
25
50
ns
Disable Pull-Down Current
GATHX or GATELX=2V with VCC = 0V.
Measure Gate pull-down current
20
35
50
PA
PWM Comparator
Propagation Delay
Note1
100
150
ns
Common Mode Input Range
4
V
Internal Ramp Start Voltage
0.45
0.6
0.9
V
Internal Ramp Amplitude
35
50
65
mV /
%DTC
Current Sense Amplifier
CSINPX Bias Current
-1
0
1
PA
CSINMX Bias Current
-1
0
1
PA
Input Current Offset Ratio
0.25
1
2
PA/PA
Average Input Offset Voltage
(VDRP-VDAC)/GAIN with CSINX=0. Note1
-5
0
5
mV
Offset Voltage Mismatch
Monitor I(SCOMPX), Note1.
-5
0
5
mV
Gain at TJ = 25
oC
22
23.5
25
V/V
Gain at TJ = 125
oC
18.5
20.4
21.5
V/V
Gain Mismatch
Note 1.
-1
0
1
V/V
Differential Input Range
-25
75
mV
Common Mode Input Range
0
2.8
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com