Electronic Components Datasheet Search
  English  ▼

X  

IR3093M Datasheet(PDF) 1 Page - International Rectifier

Part # IR3093M
Description  3 PHASE OPTERON, ATHLON, OR VR10.X CONTROL IC
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3093M Datasheet(HTML) 1 Page - International Rectifier

  IR3093M Datasheet HTML 1Page - International Rectifier IR3093M Datasheet HTML 2Page - International Rectifier IR3093M Datasheet HTML 3Page - International Rectifier IR3093M Datasheet HTML 4Page - International Rectifier IR3093M Datasheet HTML 5Page - International Rectifier IR3093M Datasheet HTML 6Page - International Rectifier IR3093M Datasheet HTML 7Page - International Rectifier IR3093M Datasheet HTML 8Page - International Rectifier IR3093M Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 39 page
background image
IR3093
Page 1 of 39
07/15/04
DATA SHEET
3 PHASE OPTERON, ATHLON, OR VR10.X CONTROL IC
DESCRIPTION
The IR3093 Control IC provides a full featured, cost effective, single chip solution to implement robust
power conversion solutions for three different microprocessor families; 1) AMD’s Opteron, 2) AMD’s
Athlon or 3) Intel’s VR-10.X family of processors. The user can select the appropriate VID range with a
single pin. Control and 3 phase Gate Drive functions are integrated into a single cost effective IC. . In
addition to CPU power, the IR3093 offers a compact, efficient solution for high current POL converters.
FEATURES
x 5 bit or 6 bit VID with 0.5% overall system accuracy
x Selectable VID Code for AMD Opteron or Athlon or Intel VR10.X
x Programmable Slew Rate response to “On-the-Fly” VID Code Changes
x 3A GATELX Pull Down Drive Capability
x Programmable 100KHz to 540KHz oscillator
x Programmable Voltage Positioning (can be disabled)
x Programmable Softstart
x Programmable Hiccup Over-Current Protection with Delay to prevent false triggering
x Simplified Powergood provides indication of proper operation and avoids false triggering
x Operates up to 21V input with 7.9V Under-Voltage Lockout
x 5V UVL with 4.36V Under-Voltage Lockout threshold
x Adjustable Voltage, 150mA Bias Regulator provides MOSFET Drive Voltage
x Enable Input
x OVP Flag Output detects high side fet short at powerup
x Pin compatible with IR3092, 2-phase PWM Control IC
x Available 48L MLPQ package
ORDERING INFORMATION
Device
Order Quantity
IR3093MTR
3000 per Reel
*IR3093M
100 piece strips
* Samples Only
PACKAGE INFORMATION
48L MLPQ
(7 x 7 mm Body)
– JA = 27oC/W
VDAC
EAOUT
PGND1
48LD MLPQ
VID4
GATEH3
VOSNS-
SS/DEL
GATEH2
SCOMP2
OCSET
FB
VDRP
ROSC
VCCH3
GATEL2
VID3
PGND2
PGND3
VCCL1_2
5VUVL
SCOMP3
VCCH2
GATEH1
GATEL1
IR3093


Similar Part No. - IR3093M

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3092 IRF-IR3092 Datasheet
619Kb / 37P
2 PHASE OPTERON, ATHLON, OR VR10.X CONTROL IC
IR3092MTR IRF-IR3092MTR Datasheet
619Kb / 37P
2 PHASE OPTERON, ATHLON, OR VR10.X CONTROL IC
IR3094MPBF IRF-IR3094MPBF Datasheet
802Kb / 29P
3 PHASE PWM CONTROLLER FOR POINT OF LOAD
IR3094MTRPBF IRF-IR3094MTRPBF Datasheet
802Kb / 29P
3 PHASE PWM CONTROLLER FOR POINT OF LOAD
IR3094PBF IRF-IR3094PBF Datasheet
802Kb / 29P
3 PHASE PWM CONTROLLER FOR POINT OF LOAD
More results

Similar Description - IR3093M

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA7712P TOSHIBA-TA7712P Datasheet
772Kb / 14P
3 PHASE BI-DIRECTIONAL FOR MOTOR CONTROL IC
logo
Siemens Semiconductor G...
TCA785 SIEMENS-TCA785 Datasheet
454Kb / 16P
Phase Control IC
logo
Intersil Corporation
ISL6565A INTERSIL-ISL6565A Datasheet
722Kb / 28P
Multi-Phase PWM Controller with Precision rDS(ON) or DCR Current Sensing for VR10.X Application
September 2004
logo
Infineon Technologies A...
TCA785 INFINEON-TCA785 Datasheet
454Kb / 16P
Phase Control IC
09.94
logo
International Rectifier
IR3092 IRF-IR3092 Datasheet
619Kb / 37P
2 PHASE OPTERON, ATHLON, OR VR10.X CONTROL IC
logo
List of Unclassifed Man...
MC73110 ETC-MC73110 Datasheet
1Mb / 40P
Advanced 3-Phase Motor Control IC
logo
International Rectifier
IR3082 IRF-IR3082 Datasheet
444Kb / 33P
XPHASE AMD OPTERON/ATHLON 64 CONTROL IC
logo
Toshiba Semiconductor
TA8413P TOSHIBA-TA8413P Datasheet
260Kb / 7P
3 PHASE BI-DIRECTIONAL HALL MOTOR CONTROL IC
27-Aug-1997
logo
International Rectifier
IR3084U IRF-IR3084U Datasheet
723Kb / 47P
XPHASETM VR10, VR11 & OPTERON/ATHLON64 CONTROL IC
logo
Siemens Semiconductor G...
TCA785 SIEMENS-TCA785_05 Datasheet
466Kb / 16P
Phase Control IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com