Electronic Components Datasheet Search
  English  ▼

X  

IR3093M Datasheet(PDF) 4 Page - International Rectifier

Part # IR3093M
Description  3 PHASE OPTERON, ATHLON, OR VR10.X CONTROL IC
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3093M Datasheet(HTML) 4 Page - International Rectifier

  IR3093M Datasheet HTML 1Page - International Rectifier IR3093M Datasheet HTML 2Page - International Rectifier IR3093M Datasheet HTML 3Page - International Rectifier IR3093M Datasheet HTML 4Page - International Rectifier IR3093M Datasheet HTML 5Page - International Rectifier IR3093M Datasheet HTML 6Page - International Rectifier IR3093M Datasheet HTML 7Page - International Rectifier IR3093M Datasheet HTML 8Page - International Rectifier IR3093M Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 39 page
background image
IR3093
Page 4 of 39
07/15/04
ELECTRICAL SPECIFICATIONS
Unless otherwise specified, these specifications apply over: 7.4V
” V
CC
” 21V, 4V ” V
CCLX
” 14V,
4V
” V
CCHX
” 28V, C
GATEHX =3.3nF, CGATELX =6.8nF, 0
oC
” T
J
” 125oC
PARAMETER
TEST CONDITION
MIN
TYP
MAX
UNIT
VDAC Reference
System Set-Point Accuracy
-0.3V
” VOSNS- ” 0.3V, Connect FB to
EAOUT, Measure V(EAOUT) –
V(VOSNS-) deviation from Table 1.
Applies to all VID codes.
0.5
%
Sink Current
RROSC = 47k
Ÿ 9'$& 2&6(7
45
53
61
PA
Source Current
RROSC = 47k
Ÿ 9'$& 2&6(7
48
56
64
VID Input Threshold, INTEL
VID_SEL=0, Referenced to VOSNS-
0.4
0.6
0.8
V
VID Input Threshold, AMD
VID_SEL=Float, Referenced to VOSNS-
1.55
1.65
1.75
V
VID_SEL OPTERON
Threshold
1.0
1.2
1.4
V
VID_SEL ATHLON Threshold
3.0
3.3
3.8
V
VID_SEL Float Voltage
Tracks ATHLON threshold
2.1
2.6
3.2
V
VID_SEL Pull-up Resistance
V(VID_SEL)<2.1V
30
50
100
k
Ÿ
VID_SEL Pull-down
Resistance
V(VID_SEL)>3.2V
60
150
350
k
Ÿ
VID Pull-up Current
VID0-5 = 1V
9
18
27
PA
VID Float Voltage
Referenced to LGND
4.5
4.9
5.2
V
VID = 11111 Fault Blanking
Delay to PWRGD assertion
0.5
2.1
4.1
Ps
Error Amplifier
Input Offset Voltage
Connect FB to EAOUT, Measure
V(EAOUT)-V(VDAC). Applies to all VID
codes and -0.3V<VOSNS-<0.3V. Note
2.
-5
-1
3
mV
FB Bias Current
RROSC = 47k
Ÿ
23.5
26.4
29.4
PA
DC Gain
Note 1
90
100
105
dB
Gain-Bandwidth Product
Note 1
4
7
MHz
Slew Rate
Note 1, 50mV FB signal
1.25
V/
Ps
Source Current
300
430
600
PA
Sink Current
.75
1.1
1.5
mA
Max Voltage
4.5
4.9
5.3
V
Min Voltage
50
200
mV
VDRP Buffer Amplifier
Positioning Offset Voltage
V(VDRP) – V(VDAC) with
CSINMX=CSINPX=0. Note 1.
-125
0
125
mV
Output Voltage Range
0.2
3.75
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com