Electronic Components Datasheet Search
  English  ▼

X  

IR3093M Datasheet(PDF) 7 Page - International Rectifier

Part # IR3093M
Description  3 PHASE OPTERON, ATHLON, OR VR10.X CONTROL IC
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3093M Datasheet(HTML) 7 Page - International Rectifier

Back Button IR3093M Datasheet HTML 3Page - International Rectifier IR3093M Datasheet HTML 4Page - International Rectifier IR3093M Datasheet HTML 5Page - International Rectifier IR3093M Datasheet HTML 6Page - International Rectifier IR3093M Datasheet HTML 7Page - International Rectifier IR3093M Datasheet HTML 8Page - International Rectifier IR3093M Datasheet HTML 9Page - International Rectifier IR3093M Datasheet HTML 10Page - International Rectifier IR3093M Datasheet HTML 11Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 39 page
background image
IR3093
Page 7 of 39
07/15/04
Note 1: Guaranteed by design, but not tested in production
Note 2: Critical limits are identified with bold text
Note 3: VDAC Output is trimmed to compensate for Error Amp input offsets errors
PARAMETER
TEST CONDITION
MIN
TYP
MAX
UNIT
Share Adjust Error Amplifier
Input Offset Voltage
Note 1
-5
0
5
mV
MAX Duty Cycle Adjust Ratio
Compare Duty Cycle to GATEHX
1.5
2.0
MIN Duty Cycle Adjust Ratio
Compare Duty Cycle to GATEHX
0.6
0.5
Transconductance
Note 1
100
200
300
PA/V
SCOMPX Source/Sink Current
16
22
28
PA
Equal Duty Cycle Comparator
Threshold
0.45
0.60
0.95
V
Duty Cycle Match at Startup
Compare Duty Cycle to GATEHX
-5
-1
5
%
SCOMPX Precharge Current
V(SS/DEL)=0
300
450
700
PA
0% Duty Cycle Comparator
Threshold Voltage
Below Internal Ramp1 Start Voltage
80
130
180
mV
Propagation Delay
VCCLX= 8V. Step EAOUT from .8V to
.3V and measure time to GATELX
transition to < 7V.
200
400
ns
Body Breaking Disable
Comparator Threshold
Compare V(FB) to V(VDAC)
50
75
110
mV
OVP
VR10.X Comparator Threshold VID_SEL=0V. Compare to V(VDAC)
120
150
200
mV
AMD Comparator Threshold
Float VID_SEL. Compare to V(VDAC)
360
450
600
mV
Power-up Headroom for OVP
Flag
VCC=OVPSNS where V(OVP)>0.5V.
Same for 5VUVL=OVPSNS.
0.8
1.1
1.8
V
OVPSNS Threshold at Power-
up
VCC=2V, V(OVP) >0.5V. Same for
V(5VUVL)=2V.
0.3
0.48
0.85
V
SS/DEL Power-up Clear
Threshold
VCC=12V, V(OVPSNS)=1V,
VDAC=1.6V, where OVP<0.5V
0.35
0.60
0.95
V
Propagation Delay
VCCLX= 8V. V(EAOUT)=0V. Step
OVPSNS 540mV + V(VDAC). Measure
time to GATELX transition to >1V.
275
400
ns
OVP Source Current
V(OVP)=0.5V, VCC=1.8V, 5VUVL=0V
10
75
PA
OVP Pull Down Resistance
OVP to LGND
30
60
100
k
Ÿ
OVP High Voltage
I(OVP)=10uA, V(VCC) or V(5VUVL)-
V(OVP), VCC=1.8V
0.4
0.70
1.1
V
OVPSNS Bias Current
-1
0.3
1.5
uA
5VREF
Short Circuit Current
20
45
60
mA
Supply Voltage
I(5VREF)=0A
4.5
5
5.5
V
General
VCC Supply Current
V(VCC)=21V
33
38
44
mA
VOSNS- Current
-0.3V
” VOSNS- ” 0.3V, All VID Codes
3.2
3.7
4.2
mA
VCCHX and VCCL3 Current
V(VCCHX)=28V, V(VCCL3)=14V
3
5
7
mA
VCCL1_2 Supply Current
V(VCCL1_2)=14V
6
10
17
mA
5VUVL Supply Current
V(5VUVL)=5V, no OVP condition
100
200
400
uA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com