Electronic Components Datasheet Search
  English  ▼

X  

LM9617 Datasheet(PDF) 29 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM9617
Description  Monochrome CMOS Image Sensor VGA 30 FPS
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM9617 Datasheet(HTML) 29 Page - National Semiconductor (TI)

Back Button LM9617 Datasheet HTML 25Page - National Semiconductor (TI) LM9617 Datasheet HTML 26Page - National Semiconductor (TI) LM9617 Datasheet HTML 27Page - National Semiconductor (TI) LM9617 Datasheet HTML 28Page - National Semiconductor (TI) LM9617 Datasheet HTML 29Page - National Semiconductor (TI) LM9617 Datasheet HTML 30Page - National Semiconductor (TI) LM9617 Datasheet HTML 31Page - National Semiconductor (TI) LM9617 Datasheet HTML 32Page - National Semiconductor (TI) LM9617 Datasheet HTML 33Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 37 page
background image
Confidential
29
www.national.com
Register Set (continued)
Register Name Integration Time High Register
Address
13 Hex
Mnemonic
ITIMEH
Type
Read/Write
Reset Value
00 Hex.
Register Name Integration Time Low Register
Address
14 Hex
Mnemonic
ITIMEL
Type
Read/Write
Reset Value
00 Hex.
Register Name Row Delay High Register
Address
15 Hex
Mnemonic
RDELAYH
Type
Read/Write
Reset Value
00 Hex.
Register Name Row Delay Low Register
Address
16 Hex
Mnemonic
RDELAYL
Type
Read/Write
Reset Value
00 Hex
Register Name Frame Delay High Register
Address
17
Mnemonic
FDELAYH
Type
Read/Write
Reset Value
00 Hex
Register Name Frame Delay Low Register
Address
18 Hex
Mnemonic
FDELAYL
Type
Read/Write
Reset Value
00 Hex
Register Name Video Gain Register
Address
19 Hex
Mnemonic
VGAIN
Type
Read/Write
Reset Value
00 Hex
Register Name Offset Compensation Register 0
address
1FHex
Mnemonic
OCR0
Type
Read/Write
Reset Value
00 Hex
Register Name Offset Compensation Register 1
address
22 Hex
Mnemonic
OCR1
Type
Read/Write
Reset Value
00 Hex
Register Name Offset Compensation Register 2
address
25 Hex
Mnemonic
OCR2
Type
Read/Write
Reset Value
00 Hex
Bit
Bit Symbol
Description
7:4
Reserved
3:0
Itime[11:8]
Program to set the integration
time of the array. The value pro-
grammed in the register is the
number of rows ahead of the
selected row to be reset.
Bit
Bit Symbol
Description
7:0
Itime[7:0]
Program to set the integration
time of the array. The value pro-
grammed in the register is the
number of rows ahead of the
selected row to be reset.
Bit
Bit Symbol
Description
7:3
Reserved
2:0
Rdelay[10:8]
Use to program the MSBs of the
row delay.
Bit
Bit Symbol
Description
7:0
Rdelay[7:0]
Use to program the LSBs of the
row delay.
Bit
Bit Symbol
Description
7:4
Reserved
3:0
FDelay[11:8]
Use to program the MSBs of the
frame delay.
Bit
Bit Symbol
Description
7:0
FDelay [7:0]
Use to program the LSBs of
the frame delay.
Bit
Bit Symbol
Description
7:6
Reserved
5:0
VidGain
Use to program the overall video
gain. 00hex corresponds to a gain
of 0dB while 3Fhex corresponds
to a gain of 15dB. Steps are in lin-
ear increments.
Bit
Bit Symbol
Description
7:0
OffsetVol
This register defines the volt-
age level appearing on the
offset_ctrl pin.
Bit
Bit Symbol
Description
7:0
OffsetVol
This register defines the volt-
age level appearing on the
offset_ctrl pin.
Bit
Bit Symbol
Description
7:0
OffsetVol
This register defines the volt-
age level appearing on the
offset_ctrl pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com