Electronic Components Datasheet Search
  English  ▼

X  

LM9617 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM9617
Description  Monochrome CMOS Image Sensor VGA 30 FPS
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM9617 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  LM9617 Datasheet HTML 1Page - National Semiconductor (TI) LM9617 Datasheet HTML 2Page - National Semiconductor (TI) LM9617 Datasheet HTML 3Page - National Semiconductor (TI) LM9617 Datasheet HTML 4Page - National Semiconductor (TI) LM9617 Datasheet HTML 5Page - National Semiconductor (TI) LM9617 Datasheet HTML 6Page - National Semiconductor (TI) LM9617 Datasheet HTML 7Page - National Semiconductor (TI) LM9617 Datasheet HTML 8Page - National Semiconductor (TI) LM9617 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 37 page
background image
Confidential
5
www.national.com
Pin Descriptions (Continued)
Legend: (I=Input), (O=Output), (IO=Bi-directional), (P=Power), (D=Digital), (A=Analog).
Figure 4. Equivalent Circuits For adc_ref and offset pins
Pin
Name
I/O
Typ
Description
26
d7
O
D
Digital output. Bit 7 of the digital video output bus. This output can be put into tri-state
mode.
27
d8
O
D
Digital output. Bit 8 of the digital video output bus. This output can be put into tri-state
mode.
28
d9
O
D
Digital output. Bit 9 of the digital video output bus. This output can be put into tri-state
mode.
29
d10
O
D
Digital output. Bit 10 of the digital video output bus. This output can be put into tri-state
mode.
30
d11
O
D
Digital output. Bit 11 of the digital video output bus. This output can be put into tri-state
mode.
31
vdd_od2
I
P
3.3 volt supply for the digital IO buffers.
32
vss_od2
I
P
0 volt supply for the digital IO buffers
33
vdd_ana2
I
P
3.3 volt supply for analog circuits.
34
vss_ana2
I
P
0 volt supply for analog circuits.
35
vref_adc
I
A
A/D reference resistor ladder voltage. See figure 4 for equivalent circuit.
36
vss_ana1
I
P
0 volt supply for analog circuits.
37
vdd_ana1
I
P
3.3 volt supply for analog circuits.
38
offset
I
A
Analog input used to adjust the offset of the sensor. See figure 4 for equivalent circuit.
39
fine_ctrl
O
A
Analog output used to drive the offset pin.
40
gnd
This pin must be tied to ground.
41
fine_i
I
A
Bias current for the fine offset adjust.
42
NC
Pin not used, do not connect.
43
NC
Pin not used, do not connect.
44
vdd_od3
I
P
3.3 volt supply for the sensor.
45
vss_od3
I
P
0 volt supply for the sensor.
46
vss_od1
I
P
0 volt supply for the digital IO buffers
47
vdd_od1
I
P
3.3 volt supply for the digital IO buffers.
48
extsync
O
D
Digital output. The external event synchronization signal is used to synchronize external
events in snapshot mode.
800
Ω
adc_vref
1K
Ω
200
Ω
offset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com