Electronic Components Datasheet Search
  English  ▼

X  

LM9617 Datasheet(PDF) 20 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM9617
Description  Monochrome CMOS Image Sensor VGA 30 FPS
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM9617 Datasheet(HTML) 20 Page - National Semiconductor (TI)

Back Button LM9617 Datasheet HTML 16Page - National Semiconductor (TI) LM9617 Datasheet HTML 17Page - National Semiconductor (TI) LM9617 Datasheet HTML 18Page - National Semiconductor (TI) LM9617 Datasheet HTML 19Page - National Semiconductor (TI) LM9617 Datasheet HTML 20Page - National Semiconductor (TI) LM9617 Datasheet HTML 21Page - National Semiconductor (TI) LM9617 Datasheet HTML 22Page - National Semiconductor (TI) LM9617 Datasheet HTML 23Page - National Semiconductor (TI) LM9617 Datasheet HTML 24Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 37 page
background image
Confidential
20
www.national.com
Functional Description (continued)
14.0 DIGITAL VIDEO PORT
The captured image is placed onto a flexible 12-bit digital port as
shown in Figure 10. The digital video port consists of a program-
mable 12-bit digital Data Out Bus (d[11:0]) and three program-
mable synchronisation signals (hsync, vsync, pclk).
By default the synchronisation signals are configured to operate
in “master” mode. They can be programed to operate in “slave”
mode.
The following sections are a detailed description of the timing
and programming modes of digital video port.
Pixel data is output on a 12-bit digital video bus. This bus can be
tri-stated by asserting the TriState bit in the VIDEOMODE1 reg-
ister.
14.1
Digital Video Data Out Bus (d[11:0])
A programmable matrix switch is provided to map the output of
the internal pixel framer to the pins of the digital video bus as
illustrated in Figure 33.
Figure 33. Digital Video Bus Switching Modes
This feature allows a programmable digital gain to be imple-
mented when connecting the sensor to 8 or 10 bit digital video
processing systems as illustrated in Figure 34. The unused bits
on the digital video bus can be optionally tri-stated.
Figure 34. Example of connection to 10/8 bit systems
Synchronisation Signals in Master Mode
By default the sensor’s digital video port’s synchronisation sig-
nals are configured to operate in master mode. In master mode
the integrated timing and control block controls the flow of data
onto the 12-bit digital port, three synchronisation outputs are
provided:
pclk
is the pixel clock output pin.
hsync
is the horizontal synchronisation output signal.
vsync
is the vertical synchronisation output signal.
14.2
Pixel Clock Output Pin (pclk) (Master Mode)
The pixel clock output pin, pclk, is provided to act as a synchro-
nisation reference for the pixel data appearing at the digital
video out bus pins d[11:0]. This pin can be programmed to oper-
ate in two modes:
• In free running mode the pixel clock output pin, pclk, is always
running with a fixed period. Pixel data appearing on the digital
video bus d[11:0] are synchronized to a specified active edge
of the clock as shown in Figure 35.
Figure 35. pclk in Free Running Mode
• In data ready mode, the pixel clock output pin (pclk) will pro-
duce a pulse with a specified level every time valid pixel data
appears on the digital video bus d[11:0] as shown in Figure
36.
d11
9
Internal Pixel Framer Output Register
d10
8
d9
7
d8
6
d7
5
d6
4
d5
3
d4
2
d3
1
d2
0
10
d1 d0
11
a) MSB Bit 11, Switch Mode (default)
b) MSB Bit 10, Switch Mode
d) MSB bit 8, Switch Mode
Internal Pixel Framer Output Register
d11 d10 d9 d8 d7 d6 d5 d4 d3 d2 d1 d0
9
8
7
6
5
4
3
2
1
0
10
11
c) MSB bit 9, Switch Mode
d0
Internal Pixel Framer Output Register
d11 d10 d9 d8 d7 d6 d5 d4 d3 d2 d1
9
8
7
6
5
4
3
2
1
0
10
11
Internal Pixel Framer Output Register
d11 d10 d9 d8 d7 d6 d5 d4 d3 d2 d1
9
8
7
6
5
4
3
2
1
0
10
11
d0
10 bit
Digital
Image
Processor
d9
d11
d8
d10
d7
d9
d6
d8
d5
d7
d4
d6
d3
d5
d2
d4
d1
d3
d0
d2
d1
d0
LM9617
8 bit
Digital
Image
Processor
d7
d11
d6
d10
d5
d9
d4
d8
d3
d7
d2
d6
d1
d5
d0
d4
d3
d2
d1
d0
LM9617
a) LM9617 Connected to a 10 bit Digital Image Processors
b) LM9617 Connected to a 8 bit Digital Image Processors
pclk
d[11:0]
pclk
d[11:0]
a) pclk active edge negative
b) pclk active edge positive (default)
invalid pixel data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com