Electronic Components Datasheet Search
  English  ▼

X  

LM9617 Datasheet(PDF) 35 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM9617
Description  Monochrome CMOS Image Sensor VGA 30 FPS
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM9617 Datasheet(HTML) 35 Page - National Semiconductor (TI)

Back Button LM9617 Datasheet HTML 29Page - National Semiconductor (TI) LM9617 Datasheet HTML 30Page - National Semiconductor (TI) LM9617 Datasheet HTML 31Page - National Semiconductor (TI) LM9617 Datasheet HTML 32Page - National Semiconductor (TI) LM9617 Datasheet HTML 33Page - National Semiconductor (TI) LM9617 Datasheet HTML 34Page - National Semiconductor (TI) LM9617 Datasheet HTML 35Page - National Semiconductor (TI) LM9617 Datasheet HTML 36Page - National Semiconductor (TI) LM9617 Datasheet HTML 37Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 35 / 37 page
background image
Confidential
35
www.national.com
Timing Information (continued)
4.0
SERIAL BUS TIMING
Figure 59. I2C Compatible Serial Bus Timing.
The following specifications apply for all supply pins = +3.3V, C
L = 10pF, and sclk = 400KHz unless otherwise noted. Boldface limits
apply for TA = TMIN to TMAX: all other limits TA = 25
oC (Note 7)
PARAMETER
SYMBOL
MIN
MAX
UNIT
sclk clock frequency
fSCLH
0
400
KHz
Set-up time (repeated) START condition
t
SU;STA
0.6
-
µS
Hold time (repeated) START condition
tHD;STA
0.6
-
µS
LOW period of the sclk clock
tLOW
1.3
-
µS
HIGH period of the sclk clock
t
HIGH
0.6
-
µS
Data set-up time
tSU;DAT
180
-
nS
Data hold time
tHD;DAT
0
0.9
µS
Set-up time for STOP condition
t
SU;STO
0.6
µS
Capacitive load for sda and sclk lines
Cb
400
pF
tfDA
tfDA
Sr
Sr
P
SDA
SCLK
tHD;STA
tHD;DAT
tSU;STA
tSU;DAT
tSU;STO
trCL
t
rCL
tLOW
tHIGH
trCL1
tHIGH
tLOW
trCL1
(1)
= Rp resistor pull-up
= MCS current source pull-up
(1) Rising edge of the first SCLK pulse after an acknowledge bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com